Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2332B-TACHG Datasheet(PDF) 4 Page - Aavid, Thermal Division of Boyd Corporation

Part # 2332B-TACHG
Description  How to Use This Catalog
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

2332B-TACHG Datasheet(HTML) 4 Page - Aavid, Thermal Division of Boyd Corporation

  2332B-TACHG Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation 2332B-TACHG Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
4
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6000UG
15.0
V
77
6000DG
15.0
V
77
6222BG
9.4
V
77
6223BG
9.4
V
77
6224BG
9.4
V
77
501200B00000G
68.0
H
23
501100B00000G
67.0
H
23
501000J00000G
60.0
H
20
501000B00000G
60.0
H
20
580300B00000G
39.0
H
21
580400B00000G
39.0
H
22
508500B00000G
34.0
H
23
508600B00000G
32.0
H
23
580100B00000G
30.0
H
20
580100W00000G
30.0
H
20
508700B00000G
27.2
H
23
6284BG
25.0
H
23
560200B00000G
20.0
H
20
560200W00000G
20.0
H
20
580200B00000G
20.0
H
20
580200W00000G
20.0
H
20
580500B00000G
20.0
H
22
580600B00000G
20.0
H
21
Bi Directional Air Flow
H
19
Solder Anchor
H
12
Push Pin
H
14
Clip Attachment
H
18
Tape Attachment
H
16
YB32-4G
8.4
V
61
6380BG
6.8
V
60
6381BG
5.8
V
60
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
6374BG
5.0
V
61
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
6382BG
4.2
V
60
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
530510U00000G
20.6
V
66
530510B00000G
20.6
V
66
7038BG
16.0
V
67
7148DG
16.0
V
67
566010B00000G
11.5
H-V
66
566010B03400G
11.5
V
66
566010B03100G
11.5
H
66
584000B00000G
10.0
V
67
584000B03500G
10.0
V
67
6380BG
6.8
V
60
6381BG
5.8
V
60
6382BG
4.2
V
60
D-PAK TO-252
573100D00010G
25.0
H
24
573100D00000G
25.0
H
24
D2PAK TO-263
573300D00010G
16.0
H
24
573300D00000G
16.0
H
24
7109D/TRG
9.0
H
25
7109DG
9.0
H
25
D2PAK TO-263 SO-10
7106D/TRG
14.0
H
24
7106DG
14.0
H
24
D3PAK TO-268
573400D00010G
11.0
H
25
573400D00000G
11.0
H
25
575603B00000G
15.6
H
70
575703B00000G
13.4
H
70
579103B00000G
12.5
H
69
579103V00000G
12.5
H
69
501303B00000G
12.0
H
70
519803B00000G
11.4
H
71
575803B00000G
11.0
H
70
PF523G
10.1
H
73
501403B00000G
10.0
H
70
505103B00000G
10.0
H
72
575903B00000G
9.8
H
70
PF526G
8.9
H
73
501503B00000G
8.4
H
70
501603B00000G
7.8
H
70
505303B00000G
7.8
H
72
PF527G
7.4
H
73
500103B00000G
7.2
H
72
576103B00000G
7.2
H
73
506003B00000G
7.0
H
69
500203B00000G
6.2
H
72
576203B00000G
6.2
H
73
579003B00000G
6.0
H
71
505403B00000G
6.0
H
72
576303B00000G
6.0
H
73
500303B00000G
5.8
H
72
569003B00000G
5.5
H
71
520103B00000G
5.4
H
71
576403B00000G
5.1
H
73
500403B00000G
5.0
H
72
519703B00000G
4.8
H
71
520329B00000G
4.7
H
69
520328B00000G
4.7
H
69
520327B00000G
4.7
H
69
519903B00000G
4.2
H
71
320105B00000G
63.0
V
76
320205B00000G
63.0
V
76
325705B00000G
60.0
V
76
326005B00000G
57.0
V
76
323005B00000G
56.0
V
76
6201PBG
54.0
V
75
5FG
45.2
V
75
6202PBG
43.0
V
75
578105B00000G
40.0
V
75
578205B00000G
38.0
V
75
6203PBG
38.0
V
75
578305B00000G
35.0
V
75
578405B00000G
31.0
V
75
578505B00000G
28.0
V
75
579206B00000G
22.0
H
74
579206V00000G
22.0
H
74
501706B00000G
12.0
H
74
501806B00000G
9.6
H
74
501906B00000G
8.0
H
74
502006B00000G
8.0
H
74
575200B00000G
60.0
V
68
575300B00000G
50.0
V
68
575400B00000G
40.0
V
68
92FG
36.1
V
68
PF730G
35.8
H-V
65
PF732G
35.8
H-V
65
577500B00000G
26.0
V
65
577500U00000G
26.0
V
65
TV4G
21.6
H
65
576904B00000G
32.0
H–V
64
574004B00000G
28.0
V
63
574004U00000G
28.0
V
63
577304B00000G
27.2
H–V
64
6046PBG
25.0
V
64
6047PBG
25.0
V
64
579604B00000G
24.0
V
63
579604B03300G
24.0
V
63
579704B00000G
24.0
V
63
579704B03300G
24.0
V
63
577404B00000G
24.0
H–V
64
574204B00000G
16.8
V
63
574204B03300G
16.8
V
63
506304B00000G
14.4
H–V
63
531002B02500G
13.4
V
59
531002V02500G
13.4
V
59
SW25-6G
13.0
V
59
531102B02500G
10.4
V
59
531102V02500G
10.4
V
59
SW38-6G
10.0
V
59
531302B02500G
8.0
V
59
531302V02500G
8.0
V
59
531202V02500G
7.5
V
59
531202B02500G
7.5
V
59
TV96G
24.0
H
53
7130DG
23.1
V
62
TV97G
20.0
H
53
581001B02500G
19.6
V
61
581101B02500G
16.8
V
61
581201B02500G
12.8
V
61
513001B02500G
13.4
V
58
533001B02551G
13.0
V
55
SW25-2G
11.4
V
56
SW25-4G
11.4
V
56
533101B02551G
11.0
V
55
513101B02500G
11.0
V
58
SW38-2G
10.2
V
56
SW38-4G
10.2
V
56
533201B02551G
9.0
V
55
513201B02500G
9.0
V
58
SW50-2G
8.8
V
56
SW50-4G
8.8
V
56
593101B03600G
8.6
V
62
YB32-4G
8.4
V
61
513301B02500G
8.0
V
58
533301B02551G
8.0
V
55
530001B02500G
8.0
V
56
BW63-4G
7.4
V
58
BW38-2G
7.2
V
58
BW38-4G
7.2
V
58
SW63-2G
7.0
V
56
SW63-4G
7.0
V
56
6380BG
6.8
V
60
592201B03400G
6.8
V
62
530101B00100G
6.3
V
54
530101B00150G
6.3
V
54
530801B05100G
6.3
V
54
530801B05150G
6.3
V
54
530401B00100G
6.3
V
55
530401B00150G
6.3
V
55
6381BG
5.8
V
60
BW50-2G
5.8
V
58
BW50-4G
5.8
V
58
533701B02552G
5.7
V
57
533721B02552G
5.7
V
57
6396BG
5.6
V
60
6396B-P2G
5.6
V
60
529701B02500G
5.5
V
56
6374BG
5.0
V
61
533401B02552G
5.0
V
57
533421B02552G
5.0
V
57
529801B02500G
5.0
V
56
BW63-2G
4.7
V
58
529901B02500G
4.5
V
56
533501B02552G
4.5
V
57
533521B02552G
4.5
V
57
530161B00162G
4.4
V
54
530861B05162G
4.4
V
54
6398BG
4.4
V
60
6398B-P2G
4.4
V
60
6382BG
4.2
V
60
533601B02552G
3.8
V
57
533621B02552G
3.8
V
57
6399BG
3.3
V
60
6399B-P2G
3.3
V
60
6400BG
2.7
V
60
6400B-P2G
2.7
V
60
6094PBG
40.5
H
43
PF730G
35.8
V
65
PF732G
35.8
V
65
7178DG
35.7
V
35
6049PBG
34.1
V
43
576802V00000G
32.6
V
52
576802U00000G
32.6
V
52
576802V03100G
32.6
H
52
576802U03100G
32.6
H
52
576802V04000G
32.6
V
52
576802U04000G
32.6
V
52
577002B00000G
32.0
H–V
34
577002B04000G
32.0
V
34
TV58G
29.9
H–V
31
PF720G
28.9
V
44
PF723G
28.9
V
44
7139DG
28.3
H
35
576802B00000G
27.3
V
52
576802B03100G
27.3
H
52
576802B04000G
27.3
V
52
TV46G
27.1
H–V
31
TV47G
27.1
H–V
31
591202B00000G
26.8
H–V
51
591202B03100G
26.8
H
51
Index by Device Cooled and Thermal Resistance
Board
Part Number
θn
Mounting Page
AXIAL LEAD
BRIDGE RECTIFIERS
DIPS
IC PACKAGES, BGA, PGA, QFP, LCC
MULTIWATT
SIPS
TO-3
SMT
TO-5
TO-92
TO-218
TO-66
TO-126
TO-202
KEY
H = Horizontal mount
V = Vertical mount
H–V = Either horizontal or vertical
depending on device leads
θn = Natural convection thermal resistance
based on a 75°C heat sink temperature rise
TO-220
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page
Board
Part Number
θn
Mounting Page


Similar Part No. - 2332B-TACHG

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
2332B-TACHG AAVID-2332B-TACHG Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
More results

Similar Description - 2332B-TACHG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
   This application note explains how to use the VIPER20
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
   This application note describes how to use the high-density
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
AN3008 STMICROELECTRONICS-AN3008 Datasheet
697Kb / 14P
   This application note describes how to use the STOD2540 DC-DC converter
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
   This application note describes how to implement
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
   This application note describes how to design
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
   This programming manual describes how to program
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com