Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1322LLHLT-T2 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1322LLHLT-T2
Description  Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1322LLHLT-T2 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1322LLHLT-T2 Datasheet HTML 2Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 3Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1322LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ratiometric Linear Hall Effect Sensor ICs
for High-Temperature Operation
A1321, A1322,
and
A1323
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
MAGNETIC CHARACTERISTICS1,2
over operating temperature range, TA; VCC = 5 V, Iout = –1 mA; unless otherwise noted
Characteristics
Symbol
Test Condition
Min
Typ3
Max
Units4
Sensitivity5
Sens
A1321; TA = 25ºC
4.750
5.000
5.250
mV/G
A1322; TA = 25ºC
2.969
3.125
3.281
mV/G
A1323; TA = 25ºC
2.375
2.500
2.625
mV/G
Delta Vout(q) as a func-
tion of temperature
Vout(q)(ΔT)
Defined in terms of magnetic flux density, B
±10
G
Ratiometry, Vout(q)
Vout(q)(ΔV)
±1.5
%
Ratiometry, Sens
ΔSens(ΔV)
±1.5
%
Positive Linearity
Lin+
±1.5
%
Negative Linearity
Lin–
±1.5
%
Symmetry
Sym
±1.5
%
UA Package
Delta Sens at TA = max5 ΔSens(TAmax) From hot to room temperature
–2.5
7.5
%
Delta Sens at TA = min5 ΔSens(TAmin) From cold to room temperature
–6
4
%
Sensitivity Drift6
SensDrift
TA = 25°C; after temperature cycling and over time
±2
%
LH Package
Delta Sens at TA = max5 ΔSens(TAmax) From hot to room temperature
–5
5
%
Delta Sens at TA = min5 ΔSens(TAmin) From cold to room temperature
–3.5
8.5
%
Sensitivity Drift6
SensDrift
TA = 25°C; after temperature cycling and over time
±2
%
1 Additional information on characteristics is provided in the section Characteristics Definitions, on the next page.
2 Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
3 Typical data is at TA = 25°C, except for ΔSens, and at x.x Sens. Typical data are for initial design estimations only, and assume optimum
manufacturing and application conditions. Performance may vary for individual units, within the specified maximum and minimum limits.
In addition, the typical values vary with gain.
4 10 G = 1 millitesla.
5 After 150ºC pre-bake and factory programming.
6 Sensitivity drift is the amount of recovery with time.


Similar Part No. - A1322LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1322LLHLT-T ALLEGRO-A1322LLHLT-T Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
More results

Similar Description - A1322LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com