Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD20N06LT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD20N06LT4G
Description  Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD20N06LT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NTD20N06LT4G Datasheet HTML 1Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 2Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 3Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 4Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 5Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 6Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 7Page - ON Semiconductor NTD20N06LT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD20N06L, NTDV20N06L
http://onsemi.com
5
20
0
0.6
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
0
5
3
1
0
QG, TOTAL GATE CHARGE (nC)
6
4
2
12
100
48
20
0.68
0.76
1
4
8
12
ID = 20 A
TJ = 25°C
VGS
Q2
Q1
QT
tr
td(off)
td(on)
tf
10
VDS = 30 V
ID = 20 A
VGS = 5 V
0.84
0.92
16
16
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 ms. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RqJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry custom.
The energy rating must be derated for temperature as shown
in the accompanying graph (Figure 12). Maximum energy at
currents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - NTD20N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
127Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD20N06LT4G VBSEMI-NTD20N06LT4G Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
ON Semiconductor
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
logo
Guangdong Youtai Semico...
NTD20N06LT4G UMW-NTD20N06LT4G Datasheet
462Kb / 7P
   60V N-Channel MOSFET
More results

Similar Description - NTD20N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTD32N06L ONSEMI-NTD32N06L Datasheet
66Kb / 8P
   Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK)
April, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com