Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADUC7029QSZ Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADUC7029QSZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADUC7029QSZ Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADUC7029QSZ Datasheet HTML 1Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 2Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 3Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 4Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 5Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 6Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 7Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 8Page - Analog Devices EVAL-ADUC7029QSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Precision Analog Microcontroller, 12-Bit
Analog I/O, ARM7TDMI MCU
Data Sheet
ADuC7019/20/21/22/24/25/26/27/28/29
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005-2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog I/O
Multichannel, 12-bit, 1 MSPS ADC
Up to 16 ADC channels1
Fully differential and single-ended modes
0 V to VREF analog input range
12-bit voltage output DACs
Up to 4 DAC outputs available1
On-chip voltage reference
On-chip temperature sensor (±3°C)
Voltage comparator
Microcontroller
ARM7TDMI core, 16-bit/32-bit RISC architecture
JTAG port supports code download and debug
Clocking options
Trimmed on-chip oscillator (±3%)
External watch crystal
External clock source up to 44 MHz
41.78 MHz PLL with programmable divider
Memory
62 kB Flash/EE memory, 8 kB SRAM
In-circuit download, JTAG-based debug
Software-triggered in-circuit reprogrammability
On-chip peripherals
UART, 2× I2C® and SPI serial I/O
Up to 40-pin GPIO port1
4× general-purpose timers
Wake-up and watchdog timers (WDT)
Power supply monitor
3-phase, 16-bit PWM generator1
Programmable logic array (PLA)
External memory interface, up to 512 kB1
Power
Specified for 3 V operation
Active mode: 11 mA @ 5 MHz, 40 mA @ 41.78 MHz
Packages and temperature range
From 40-lead 6 mm × 6 mm LFCSP to 80-lead LQFP1
Fully specified for –40°C to +125°C operation
Tools
Low cost QuickStart™ development system
Full third-party support
APPLICATIONS
Industrial control and automation systems
Smart sensors, precision instrumentation
Base station systems, optical networking
FUNCTIONAL BLOCK DIAGRAM
1MSPS
12-BIT ADC
DAC0
12-BIT
DAC
DAC1
DAC2
3-PHASE
PWM
(SEE NOTE 1)
ADuC7019
ADC0 TO ADC4,
ADC12 TO ADC14
XCLKI
XCLKO
RST
VREF
MUX
TEMP
SENSOR
BAND GAP
REF
OSC
AND PLL
PSM
POR
CMP0
CMP1
CMPOUT
PLA
4 GENERAL-
PURPOSE TIMERS
2k × 32 SRAM
31k × 16 FLASH/EEPROM
SERIAL I/O
UART, SPI, I2C
GPIO
JTAG
ARM7TDMI-BASED MCU WITH
ADDITIONAL PERIPHERALS
12-BIT
DAC
12-BIT
DAC
NOTES
1. SEE APPLICATION NOTE AN-798.
ADC15
Figure 1.
1
Depending on part model. See Ordering Guide for more information.


Similar Part No. - EVAL-ADUC7029QSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADUC7020QS AD-EVAL-ADUC7020QS Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
EVAL-ADuC7023QSPZ AD-EVAL-ADuC7023QSPZ Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
EVAL-ADUC7023QSPZ AD-EVAL-ADUC7023QSPZ Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
EVAL-ADuC7023QSPZ1 AD-EVAL-ADuC7023QSPZ1 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. E
EVAL-ADUC7023QSPZ1 AD-EVAL-ADUC7023QSPZ1 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
More results

Similar Description - EVAL-ADUC7029QSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com