Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP01FJ Datasheet(PDF) 5 Page - Analog Devices

Part # TMP01FJ
Description  Low Power Programmable Temperature Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01FJ Datasheet(HTML) 5 Page - Analog Devices

  TMP01FJ Datasheet HTML 1Page - Analog Devices TMP01FJ Datasheet HTML 2Page - Analog Devices TMP01FJ Datasheet HTML 3Page - Analog Devices TMP01FJ Datasheet HTML 4Page - Analog Devices TMP01FJ Datasheet HTML 5Page - Analog Devices TMP01FJ Datasheet HTML 6Page - Analog Devices TMP01FJ Datasheet HTML 7Page - Analog Devices TMP01FJ Datasheet HTML 8Page - Analog Devices TMP01FJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TMP01
Rev. E | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Maximum Supply Voltage
−0.3 V to +15 V
Maximum Input Voltage (SET HIGH, SET LOW)
−0.3 V to V+ +0.3 V
Maximum Output Current (VREF, VPTAT)
2 mA
Maximum Output Current (Open-Collector
Outputs)
50 mA
Maximum Output Voltage (Open-Collector
Outputs)
15 V
Operating Temperature Range
−55°C to +150°C
Die Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Digital inputs and outputs are protected; however, permanent
damage may occur on unprotected units from high energy
electrostatic fields. Keep units in conductive foam or packaging
at all times until ready to use. Use proper antistatic handling
procedures.
Remove power before inserting or removing units from their
sockets.
Table 4.
Package Type
θJA
θJC
Unit
8-Lead PDIP (N-8)
1031
43
°C/W
8-Lead SOIC (R-8)
1582
43
°C/W
8-Pin TO-99 Can (H-08)
1501
18
°C/W
1 θJA is specified for device in socket (worst-case conditions).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
2 θJA is specified for device mounted on PCB.
ESD CAUTION


Similar Part No. - TMP01FJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01FJ2 AD-TMP01FJ2 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
More results

Similar Description - TMP01FJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
ADIS16255 AD-ADIS16255 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope with Temperature Compensation
Rev. PrA
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com