Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuC847BSZ8-5 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuC847BSZ8-5
Description  MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC847BSZ8-5 Datasheet(HTML) 1 Page - Analog Devices

  ADuC847BSZ8-5 Datasheet HTML 1Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 2Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 3Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 4Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 5Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 6Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 7Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 8Page - Analog Devices ADuC847BSZ8-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
MicroConverter® Multichannel
24-/16-Bit ADCs with Embedded 62 kB
Flash and Single-Cycle MCU
Data Sheet
ADuC845/ADuC847/ADuC848
Rev. C
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High resolution Σ-Δ ADCs
2 independent 24-bit ADCs on the ADuC845
Single 24-bit ADC on the ADuC847 and
single 16-bit ADC on the ADuC848
Up to 10 ADC input channels on all parts
24-bit no missing codes
22-bit rms (19.5 bit p-p) effective resolution
Offset drift 10 nV/°C, gain drift 0.5 ppm/°C chop enabled
Memory
62-kbyte on-chip Flash/EE program memory
4-kbyte on-chip Flash/EE data memory
Flash/EE, 100-year retention, 100 kcycle endurance
3 levels of Flash/EE program memory security
In-circuit serial download (no external hardware)
High speed user download (5 sec)
2304 bytes on-chip data RAM
8051-based core
8051-compatible instruction set
High performance single-cycle core
32 kHz external crystal
On-chip programmable PLL (12.58 MHz max)
3 × 16-bit timer/counter
24 programmable I/O lines, plus 8 analog or
digital input lines
11 interrupt sources, two priority levels
Dual data pointer, extended 11-bit stack pointer
On-chip peripherals
Internal power-on reset circuit
12-bit voltage output DAC
Dual 16-bit Σ-Δ DACs
On-chip temperature sensor (ADuC845 only)
Dual excitation current sources (200 µA)
Time interval counter (wake-up/RTC timer)
UART, SPI®, and I2C® serial I/O
High speed dedicated baud rate generator (incl. 115,200)
Watchdog timer (WDT)
Power supply monitor (PSM)
Power
Normal: 4.8 mA max @ 3.6 V (core CLK = 1.57 MHz)
Power-down: 20 µA max with wake-up timer running
Specified for 3 V and 5 V operation
Package and temperature range:
52-lead MQFP (14 mm × 14 mm), −40°C to +125°C
56-lead LFCSP (8 mm × 8 mm), −40°C to +85°C
APPLICATIONS
Multichannel sensor monitoring
Industrial/environmental instrumentation
Weigh scales, pressure sensors, temperature monitoring
Portable instrumentation, battery-powered systems
Data logging, precision system monitoring
FUNCTIONAL BLOCK DIAGRAM
62 kBYTES FLASH/EE PROGRAM MEMORY
4 kBYTES FLASH/EE DATA MEMORY
2304 BYTES USER RAM
3
× 16 BIT TIMERS
BAUD RATE TIMER
4
× PARALLEL
PORTS
SINGLE-CYCLE 8061-BASED MCU
ADuC845
TEMP
SENSOR
CURRENT
SOURCE
AIN1
AIN10
AINCOM
RESET
DVDD
DGND
WAKE-UP/
RTC TIMER
IEXC1
IEXC2
PWM0
PGA
BUF
MUX
AUXILIARY
24-BIT
S-D ADC
PRIMARY
24-BIT
S-D ADC
DAC
BUF
PWM1
12-BIT
DAC
AVDD
DUAL 16-BIT
S-D DAC
DUAL 16-BIT
PWM
POWER SUPPLY MON
WATCHDOG TIMER
UART, SPI, AND I 2C
SERIAL I/O
MUX
XTAL2
XTAL1
OSC
AVCO
AGND
PLL AND PRG
CLOCK DIV
POR
REFIN+
REFIN–
REFIN2–
REFIN2+
EXTERNAL
VREF
DETECT
INTERNAL
BAND GAP
VREF
Figure 1. ADuC845 Functional Block Diagram


Similar Part No. - ADuC847BSZ8-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC847BSZ8-5 AD-ADUC847BSZ8-5 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results

Similar Description - ADuC847BSZ8-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com