Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7180BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7180BCPZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7180BCPZ Datasheet HTML 6Page - Analog Devices ADV7180BCPZ Datasheet HTML 7Page - Analog Devices ADV7180BCPZ Datasheet HTML 8Page - Analog Devices ADV7180BCPZ Datasheet HTML 9Page - Analog Devices ADV7180BCPZ Datasheet HTML 10Page - Analog Devices ADV7180BCPZ Datasheet HTML 11Page - Analog Devices ADV7180BCPZ Datasheet HTML 12Page - Analog Devices ADV7180BCPZ Datasheet HTML 13Page - Analog Devices ADV7180BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 10 of 120
TIMING SPECIFICATIONS
Guaranteed by characterization. AVDD = 1.71 V to 1.89 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 1.62 V to 3.6 V, PVDD = 1.65 V to 2.0 V, specified
at operating temperature range, unless otherwise noted.
Table 5.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
28.6363
MHz
Frequency Stability
±50
ppm
I2C PORT
SCLK Frequency
400
kHz
SCLK Minimum Pulse Width High
t1
0.6
µs
SCLK Minimum Pulse Width Low
t2
1.3
µs
Hold Time (Start Condition)
t3
0.6
µs
Setup Time (Start Condition)
t4
0.6
µs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Times
t6
300
ns
SCLK and SDA Fall Times
t7
300
ns
Setup Time for Stop Condition
t8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark Space Ratio
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS
Data Output Transitional Time
t11
Negative clock edge to start of valid data
(tACCESS = t10 − t11)
3.6
ns
Data Output Transitional Time
t12
End of valid data to negative clock edge
(tHOLD = t9 + t12)
2.4
ns
Timing Diagrams
SDATA
SCLK
t3
t5
t3
t4
t8
t6
t7
t2
t1
Figure 6. I2C Timing
OUTPUT LLC
OUTPUTS P0 TO P15, VS,
HS, FIELD,
SFL
t9
t10
t11
t12
Figure 7. Pixel Port and Control Output Timing


Similar Part No. - ADV7180BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
More results

Similar Description - ADV7180BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com