Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7180KCP32Z-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7180KCP32Z-RL
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180KCP32Z-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7180KCP32Z-RL Datasheet HTML 4Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 5Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 6Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 7Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 8Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 9Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 10Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 11Page - Analog Devices ADV7180KCP32Z-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 8 of 120
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AVDD = 1.71 V to 1.89 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 1.62 V to 3.6 V, PVDD = 1.65 V to 2.0 V, specified at operating temperature range,
unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
10
Bits
Integral Nonlinearity
INL
BSL in CVBS mode
2
LSB
Differential Nonlinearity
DNL
CVBS mode
−0.6/+0.6
LSB
DIGITAL INPUTS
Input High Voltage (DVDDIO = 3.3 V)
VIH
2
V
Input High Voltage (DVDDIO = 1.8 V)
VIH
1.2
V
Input Low Voltage (DVDDIO = 3.3 V)
VIL
0.8
V
Input Low Voltage (DVDDIO = 1.8 V)
VIL
0.4
V
Crystal Inputs
VIH
1.2
V
VIL
0.4
V
Input Current
IIN
−10
+10
µA
Input Current (SDA, SCLK)1
IIN
−10
+15
µA
Input Current (PWRDWN)2
IIN
−10
+40
µA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage (DVDDIO = 3.3 V)
VOH
ISOURCE = 0.4 mA
2.4
V
Output High Voltage (DVDDIO = 1.8 V)
VOH
ISOURCE = 0.4 mA
1.4
V
Output Low Voltage (DVDDIO = 3.3 V)
VOL
ISINK = 3.2 mA
0.4
V
Output Low Voltage (DVDDIO = 1.8 V)
VOL
ISINK = 1.6 mA
0.2
V
High Impedance Leakage Current
ILEAK
10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS3, 4, 5
Digital Power Supply
DVDD
1.65
1.8
2
V
Digital I/O Power Supply
DVDDIO
1.62
3.3
3.6
V
PLL Power Supply
PVDD
1.65
1.8
2.0
V
Analog Power Supply
AVDD
1.71
1.8
1.89
V
Digital Supply Current
IDVDD
77
85
mA
Digital I/O Supply Current6
IDVDDIO
3
5
mA
PLL Supply Current
IPVDD
12
15
mA
Analog Supply Current
IAVDD
CVBS input
33
43
mA
Y/C input
59
75
mA
YPrPb input
77
94
mA
Power-Down Current
IDVDD
6
10
µA
IDVDDIO
0.1
1
µA
IPVDD
1
5
µA
IAVDD
1
5
µA
Total Power Dissipation in Power-Down Mode7
15
44
µW
Power-Up Time
tPWRUP
20
ms
1
ADV7180KCP32Z, ADV7180WBCP32Z, and ADV7180WBST48Z only.
2
ADV7180WBST48Z only.
3
Guaranteed by characterization.
4
Typical current consumption values are recorded with nominal voltage supply levels and a SMPTEBAR pattern.
5
Maximum current consumption values are recorded with maximum rated voltage supply levels and a multiburst pattern.
6
Typical (Typ) number is measured with DVDDIO = 3.3 V and maximum (Max) number is measured with DVDDIO = 3.6 V.
7
ADV7180 clocked.


Similar Part No. - ADV7180KCP32Z-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180BSTZ AD-ADV7180BSTZ Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
More results

Similar Description - ADV7180KCP32Z-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com