Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7411ARQZ-REEL1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7411ARQZ-REEL1
Description  SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7411ARQZ-REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7411ARQZ-REEL1 Datasheet HTML 7Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 8Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 9Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 10Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 11Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 12Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 13Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 14Page - Analog Devices ADT7411ARQZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADT7411
Rev. B | Page 11 of 36
15
–10
–5
0
5
10
–15
–20
–25
010
20
PCB LEAKAGE RESISTANCE (MΩ)
30
40
50
60
70
80
90
100
VDD = 3.3V
TEMPERATURE = 25°C
D+ TO GND
D+ TO VCC
Figure 13. External Temperature Error vs. PCB Leakage Resistance
10
0
2
4
6
8
–2
–4
–6
NOISE FREQUENCY (Hz)
VDD = 3.3V
COMMON-MODE
VOLTAGE = 100mV
1
100
200
300
400
500
600
Figure 14. External Temperature Error vs.
Common-Mode Noise Frequency
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
–3
–2
–1
0
1
2
3
OFFSET ERROR
GAIN ERROR
Figure 15. ADC Offset Error and Gain Error vs. VDD
–60
–50
–40
–30
–20
–10
0
VDD = 3.3V
0
5
10
15
20
25
CAPACITANCE (nF)
30
35
40
45
50
Figure 16. External Temperature Error vs. Capacitance Between D+ and D−
70
20
30
40
50
60
10
0
–10
1
100
200
NOISE FREQUENCY (MHz)
300
400
500
600
VDD = 3.3V
DIFFERENTIAL-MODE
VOLTAGE = 100mV
Figure 17. External Temperature Error vs. Differential Mode Noise Frequency
NOISE FREQUENCY (Hz)
±250mV
VDD = 3.3V
1
100
200
300
400
500
600
0.6
–0.4
–0.2
0
0.2
0.4
–0.6
Figure 18. Internal Temperature Error vs. Power Supply Noise Frequency


Similar Part No. - ADT7411ARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411ARQZ-REEL AD-ADT7411ARQZ-REEL Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411ARQZ-REEL7 AD-ADT7411ARQZ-REEL7 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
More results

Similar Description - ADT7411ARQZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com