Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVR1085D2 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR1085D2
Description  1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1085D2 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR1085D2 Datasheet HTML 1Page - Solid States Devices, Inc SVR1085D2 Datasheet HTML 2Page - Solid States Devices, Inc SVR1085D2 Datasheet HTML 3Page - Solid States Devices, Inc SVR1085D2 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SVR1085-3.3M, Z, D2, & D3
thru
SVR1085-12M, Z, D2, & D3
Electrical Characteristics
SYMBOL
UNITS
MAX
Output Voltage 7/
Line Regulation
(IOUT = 0A)
Load Regulation 6/, 7/
Dropout Voltage 8/
(IOUT = IFULLOAD)
Current Limit
Min. Load Current
Quiescient Current
3.365
3.672
5.100
12.24
6.00
6.00
6.00
6.00
6.00
6.00
25.0
25.0
0.3
0.4
15
20
15
20
20
35
36
72
1.5
1.5
1.5
1.5
1.5
--
--
--
--
--
--
10
10
10
10
10
V
V
V
V
mV
mV
mV
mV
mV
mV
mV
mV
%
%
mV
mV
mV
mV
mV
mV
mV
mV
V
V
V
V
V
A
A
A
A
A
A
A
mA
mA
mA
mA
VOUT
ªVOUT
ªVIN
ªVOUT
ªIOUT
ªV
ILIMIT
ILOAD
IQ
MIN
3.235
3.500
4.900
11.76
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
3.2
0.02
3.2
3.2
3.2
3.2
--
--
--
--
--
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
SVR1085 -_
SVR1085 -3.3
SVR1085 -3.6
SVR1085 -5
SVR1085 -12
TYP
3.300
3.600
5.000
12.00
0.5
1.0
0.5
1.0
0.5
1.0
1.0
2.0
0.1
0.2
3
7
3
7
5
10
12
24
1.3
1.3
1.3
1.3
1.3
4.0
0.05
4.0
4.0
4.0
4.0
5
5
5
5
5
(0
# IOUT # 5A,
4.5V
# VIN # 15V)
(0
# IOUT # 3A,
5V
# VIN # 15V)
(0
# IOUT # IFULLOAD,
6.5V
# VIN # 20V)
(0
# IOUT # IFULLOAD,
(13.5V
# VIN # 25V)
(4.8V
# VIN # 15V)
(4.8V
# VIN # 15V)
(6.5V
# VIN # 20V)
(13.5V
# VIN # 25V)
(
ªV =3V ,
10mA
#IOUT#IFULLOAD)
(VIN = 5V,
0
# IOUT # 5A)
(VIN = 5V,
0
# IOUT # 3A)
(VIN = 5.25V,
0
# IOUT # IFULLOAD)
(VIN = 8V,
0
# IOUT # IFULLOAD)
(
ªVREF = 15V)
(
ªVREF = 33mV)
(
ªVREF = 36mV)
(
ªVREF = 50mV)
(
ªVREF = 120mV)
(
ªV = 5V)
(
ªV = 25V)
(VIN = 8V)
(VIN = 8V)
(VIN = 10V)
(VIN = 17V)
ªV = 25V
(VIN = 18V)
(VIN = 18V)
(VIN = 20V)
(VIN = 25V)
to
*
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
NOTE:
*
Full Temperature Range


Similar Part No. - SVR1085D2

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1085-12D2 SSDI-SVR1085-12D2 Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1085-12D3 SSDI-SVR1085-12D3 Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1085-12M SSDI-SVR1085-12M Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1085-12Z SSDI-SVR1085-12Z Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1085-3.3D2 SSDI-SVR1085-3.3D2 Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR1085D2

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1086-20 SSDI-SVR1086-20 Datasheet
81Kb / 3P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1085-3.3M SSDI-SVR1085-3.3M Datasheet
130Kb / 4P
   1.5 Amps 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR1086-2.85M SSDI-SVR1086-2.85M Datasheet
80Kb / 3P
   SVR1086-2.85M 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR001 SSDI-SVR001_15 Datasheet
81Kb / 3P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR002 SSDI-SVR002_15 Datasheet
131Kb / 4P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR001 SSDI-SVR001 Datasheet
81Kb / 3P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
SVR002 SSDI-SVR002 Datasheet
131Kb / 4P
   LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
   Low Dropout Positive Adjustable Linear Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com