Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR421BR-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR421BR-REEL7
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421BR-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR421BR-REEL7 Datasheet HTML 7Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 8Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 9Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 10Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 11Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 12Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 13Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 14Page - Analog Devices ADR421BR-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 11 of 24
–40
–10
20
50
80
110 125
TEMPERATURE (°C)
6
4
5
3
2
1
0
VIN = 4.5V TO 15V
Figure 15. ADR420 Line Regulation vs. Temperature
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
6
4
5
3
2
1
0
VIN = 5V TO 15V
Figure 16. ADR421 Line Regulation vs. Temperature
–40
–10
20
50
80
110
TEMPERATURE (°C)
9
6
8
4
5
7
3
2
1
0
VIN = 5V TO 15V
Figure 17. ADR423 Line Regulation vs. Temperature
–40
–10
20
50
80
110
125
TEMPERATURE (°C)
14
10
12
8
6
4
2
0
VIN = 7.5V TO 15V
Figure 18. ADR425 Line Regulation vs. Temperature
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+85°C
+25°C
5
5
Figure 19. ADR420 Minimum Input/Output Voltage
Differential vs. Load Current
01234
LOAD CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–40°C
+125°C
+25°C
Figure 20. ADR421 Minimum Input/Output Voltage
Differential vs. Load Current


Similar Part No. - ADR421BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421BR-REEL7 AD-ADR421BR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
More results

Similar Description - ADR421BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com