Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3333ARMZ-1.5-RL1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3333ARMZ-1.5-RL1
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARMZ-1.5-RL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3333ARMZ-1.5-RL1 Datasheet HTML 3Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 4Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 5Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 6Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 7Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 8Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 9Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 10Page - Analog Devices ADP3333ARMZ-1.5-RL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3333
Rev. B | Page 7 of 12
OUTPUT CURRENT (mA)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
300
250
200
150
100
50
0
Figure 10. Dropout Voltage vs. Output Current
TIME (Seconds)
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
4
VOUT = 2.5V
SD = VIN
RL = 8.3Ω
VIN
VOUT
Figure 11. VOUT During Power-Up/Power-Down
3
2
1
0
4
2
0
200
400
600
800
TIME (µs)
COUT = 1µF
COUT = 10µF
VOUT = 2.5V
SD = VIN
RL = 8.3Ω
Figure 12. Power-Up Response
3.00
3.50
2.49
2.50
2.51
2.52
TIME (µs)
40
80
140
180
VOUT = 2.5V
RL = 8.3Ω
CL = 1µF
Figure 13. Line Transient Response, CL = 1 µF
3.00
3.50
2.49
2.50
2.51
2.52
TIME (µs)
40
80
140
180
VOUT = 2.5V
RL = 8.3Ω
CL = 10µF
Figure 14. Line Transient Response, CL = 10 µF
10
2.4
2.5
2.6
300
2.7
TIME (µs)
200
400
600
800
VIN = 4V
VOUT = 2.5V
CL = 1µF
Figure 15. Load Transient Response, CL = 1 µF


Similar Part No. - ADP3333ARMZ-1.5-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333ARMZ-1.5-RL1 AD-ADP3333ARMZ-1.5-RL1 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3333ARMZ-1.5-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com