Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1485ARMZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1485ARMZ-REEL
Description  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM1485ARMZ-REEL Datasheet HTML 1Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 2Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 3Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 4Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 5Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 6Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 7Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 8Page - Analog Devices ADM1485ARMZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV.
–4–
ADM1485
Test Circuits
VOD
R
R
VOC
Test Circuit 1. Driver Voltage Measurement
VOD3
60
375
375
VTST
Test Circuit 2. Driver Voltage Measurement
RLDIFF
A
B
CL1
CL2
Test Circuit 3. Driver Propagation Delay
DE
0V OR 3V
DE IN
A
B
S1
CL
VOUT
RL
S2
VCC
Test Circuit 4. Driver Enable/Disable
RE
A
B
CL
VOUT
Test Circuit 5. Receiver Propagation Delay
RE
+1.5V
RE IN
S1
CL
VOUT
RL
S2
VCC
–1.5V
Test Circuit 6. Receiver Enable/Disable
Switching Characteristics
3V
0V
B
A
0V
–VO
VO
90% POINT
10% POINT
tR
tSKEW = tPLH tPHL
1/2VO
tPLH
1.5V
1.5V
tPHL
90% POINT
10% POINT
tF
VO
Figure 1. Driver Propagation Delay, Rise/Fall Timing
DE
A, B
A, B
1.5V
2.3V
2.3V
tZH
tZL
1.5V
3V
0V
VOL
VOH
0V
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
Figure 2. Driver Enable/Disable Timing
A, B
RO
0V
tPLH
1.5V
0V
tPHL
1.5V
VOH
VOL
tSKEW = tPLH tPHL
Figure 3. Receiver Propagation Delay
RE
R
R
1.5V
1.5V
1.5V
tZH
tZL
1.5V
3V
0V
VOL
VOH
VOL + 0.5V
VOH – 0.5V
tHZ
tLZ
O/P LOW
O/P HIGH
0V
Figure 4. Receiver Enable/Disable Timing


Similar Part No. - ADM1485ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485ARMZ-REEL AD-ADM1485ARMZ-REEL Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ARMZ-REEL7 AD-ADM1485ARMZ-REEL7 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
More results

Similar Description - ADM1485ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com