Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1485ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1485ARMZ Datasheet HTML 2Page - Analog Devices ADM1485ARMZ Datasheet HTML 3Page - Analog Devices ADM1485ARMZ Datasheet HTML 4Page - Analog Devices ADM1485ARMZ Datasheet HTML 5Page - Analog Devices ADM1485ARMZ Datasheet HTML 6Page - Analog Devices ADM1485ARMZ Datasheet HTML 7Page - Analog Devices ADM1485ARMZ Datasheet HTML 8Page - Analog Devices ADM1485ARMZ Datasheet HTML 9Page - Analog Devices ADM1485ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
REV.
–6–
ADM1485
OUTPUT VOLTAGE – V
100
0
0
4.0
1.0
2.0
3.0
90
60
50
30
10
80
70
40
20
0.5
1.5
2.5
3.5
4.5
TPC 7. Output Current vs. Driver Output Low Voltage
OUTPUT VOLTAGE – V
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1.0
2.0
3.0
4.0
5.0
–110
–120
0.5
1.5
2.5
3.5
4.5
TPC 8. Output Current vs. Driver Output High Voltage
TEMPERATURE – C
–50
1.0
–25
0
25
50
75
100
125
0.9
0.7
0.5
DRIVER ENABLED
DRIVER DISABLED
1.1
0.8
0.6
TPC 9. Supply Current vs. Temperature
| tPLH – tPHL |
TEMPERATURE – C
–50
0.7
0.6
0.5
0.4
–25
0
25
50
75
100
125
0.3
0.2
0.1
0
TPC 10. Rx Skew vs. Temperature
TEMPERATURE – C
–50
1
–25
0
25
50
75
100
125
0
2
3
4
5
6
| tPHLA – tPHLB |
| tPLHA – tPLHB |
TPC 11. Tx Skew vs. Temperature
TEMPERATURE – C
1.2
–50
0.8
0.6
0.4
–25
0
25
50
75
100
125
0.2
0
1.0
1.4
150
| tPLH – tPHL |
TPC 12. Tx Pulse Width Distortion


Similar Part No. - ADM1485ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485ARMZ AD-ADM1485ARMZ Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ARMZ-REEL AD-ADM1485ARMZ-REEL Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ARMZ-REEL7 AD-ADM1485ARMZ-REEL7 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
More results

Similar Description - ADM1485ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com