Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD6501G-LC1 Datasheet(PDF) 6 Page - Microchip Technology

Part # MTD6501G-LC1
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501G-LC1 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MTD6501G-LC1 Datasheet HTML 2Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 3Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 4Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 5Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 6Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 7Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 8Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 9Page - Microchip Technology MTD6501G-LC1 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MTD6501C/D/G
DS22263B-page 6
 2010-2012 Microchip Technology Inc.
FIGURE 1-1:
Allowable Power Dissipation (PD_MAX) as a Function of Ambient Temperature (TA).
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Unless otherwise specified, all limits are established for VCC = 5.0V, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature
TOPR
-30
+95
°C
Storage Temperature Range
TSTG
-55
+150
°C
0
0.2
0.4
0.6
0.8
1
1.2
TA (°C)
SOP-8
MSOP-10


Similar Part No. - MTD6501G-LC1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6501G MICROCHIP-MTD6501G Datasheet
1Mb / 2P
   Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
06/12
More results

Similar Description - MTD6501G-LC1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6508 MICROCHIP-MTD6508 Datasheet
1Mb / 26P
   3-Phase Sinusoidal Sensorless Brushless DC Fan Motor Driver
01/27/15
MTD6505 MICROCHIP-MTD6505 Datasheet
1Mb / 20P
   Sinusoidal Sensorless 3-Phase Brushless DC Fan Motor Driver
2011
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
   3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
   3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
   Sensorless 3-phase brushless DC Motor driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
logo
Fairchild Semiconductor
FCM8201 FAIRCHILD-FCM8201 Datasheet
689Kb / 21P
   3-Phase Sinusoidal Brushless DC Motor Controller
FCM8202 FAIRCHILD-FCM8202 Datasheet
639Kb / 13P
   3-Phase Sinusoidal Brushless DC Motor Controller
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
   3-Phase Brushless, Sensorless Motor Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com