Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG453BR-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADG453BR-REEL
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG453BR-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG453BR-REEL Datasheet HTML 4Page - Analog Devices ADG453BR-REEL Datasheet HTML 5Page - Analog Devices ADG453BR-REEL Datasheet HTML 6Page - Analog Devices ADG453BR-REEL Datasheet HTML 7Page - Analog Devices ADG453BR-REEL Datasheet HTML 8Page - Analog Devices ADG453BR-REEL Datasheet HTML 9Page - Analog Devices ADG453BR-REEL Datasheet HTML 10Page - Analog Devices ADG453BR-REEL Datasheet HTML 11Page - Analog Devices ADG453BR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN1 1
D1 2
S1 3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND 5
VL
12
S4 6
S3
11
D4 7
D3
10
IN4 8
IN3
9
ADG451/
ADG452/
ADG453
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Logic Control Input.
2
D1
Drain Terminal. Can be an input or an output.
3
S1
Source Terminal. Can be an input or an output.
4
VSS
Most Negative Power Supply Potential in Dual Supplies. In single-supply applications,
it can be connected to GND.
5
GND
Ground (0 V) Reference.
6
S4
Source Terminal. Can be an input or an output.
7
D4
Drain Terminal. Can be an input or an output.
8
IN4
Logic Control Input.
9
IN3
Logic Control Input.
10
D3
Drain Terminal. Can be an input or an output.
11
S3
Source Terminal. Can be an input or an output.
12
VL
Logic Power Supply (5 V).
13
VDD
Most Positive Power Supply Potential.
14
S2
Source Terminal. Can be an input or an output.
15
D2
Drain Terminal. Can be an input or an output.
16
IN2
Logic Control Input.
Table 6. Truth Table (ADG451/ADG452)
ADG451 In
ADG452 In
Switch Condition
0
1
On
1
0
Off
Table 7. Truth Table (ADG453)
Logic
Switch 1, Switch 4
Switch 2, Switch 3
0
Off
On
1
On
Off


Similar Part No. - ADG453BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG453BR AD-ADG453BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG453BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com