Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG453BR Datasheet(PDF) 10 Page - Analog Devices

Part # ADG453BR
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG453BR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG453BR Datasheet HTML 6Page - Analog Devices ADG453BR Datasheet HTML 7Page - Analog Devices ADG453BR Datasheet HTML 8Page - Analog Devices ADG453BR Datasheet HTML 9Page - Analog Devices ADG453BR Datasheet HTML 10Page - Analog Devices ADG453BR Datasheet HTML 11Page - Analog Devices ADG453BR Datasheet HTML 12Page - Analog Devices ADG453BR Datasheet HTML 13Page - Analog Devices ADG453BR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 10 of 16
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
15
–15
–12
–9
–6
–3
0
3
6
9
12
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
ID (ON)
ID (OFF)
IS (OFF)
VDD = +15V
VSS = –15V
TA =+25°C
VL =+5V
Figure 11. Leakage Currents as a Function of VD (VS)
FREQUENCY (MHz)
100
110
70
60
50
40
30
0
20
10
VDD = +15V
VSS =–15V
VL =+5V
Figure 12. Off Isolation vs. Frequency
FREQUENCY (Hz)
100M
100
1k
10k
100k
10M
1M
120
100
80
60
40
20
0
VDD = +15V
VSS =–15V
VL =+5V
RLOAD =50Ω
Figure 13. Crosstalk vs. Frequency
FREQUENCY (MHz)
200
1
10
100
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
VDD = +15V
VSS = –15V
VL =+5V
Figure 14. Frequency Response with Switch On


Similar Part No. - ADG453BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG453BR AD-ADG453BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG453BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com