Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDW258P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDW258P
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW258P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDW258P Datasheet HTML 1Page - Fairchild Semiconductor FDW258P Datasheet HTML 2Page - Fairchild Semiconductor FDW258P Datasheet HTML 3Page - Fairchild Semiconductor FDW258P Datasheet HTML 4Page - Fairchild Semiconductor FDW258P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDW258P Rev. D (W)
Typical Characteristics
0
20
40
60
80
00.511.5
2
2.5
3
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-2.0V
-1.8V
-3.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
204060
80
-ID, DRAIN CURRENT (A)
VGS = - 1.8V
-4.5V
-3.0V
-3.5V
-2.5V
-2.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -9A
VGS = - 4.5V
0.005
0.009
0.013
0.017
0.021
0.025
1
234
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -4.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
20
40
60
80
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
00.2
0.4
0.6
0.8
1
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDW258P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW258P FAIRCHILD-FDW258P Datasheet
389Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW258P FAIRCHILD-FDW258P_08 Datasheet
389Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - FDW258P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com