Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG732BSU Datasheet(PDF) 3 Page - Analog Devices

Part # ADG732BSU
Description  16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG732BSU Datasheet(HTML) 3 Page - Analog Devices

  ADG732BSU Datasheet HTML 1Page - Analog Devices ADG732BSU Datasheet HTML 2Page - Analog Devices ADG732BSU Datasheet HTML 3Page - Analog Devices ADG732BSU Datasheet HTML 4Page - Analog Devices ADG732BSU Datasheet HTML 5Page - Analog Devices ADG732BSU Datasheet HTML 6Page - Analog Devices ADG732BSU Datasheet HTML 7Page - Analog Devices ADG732BSU Datasheet HTML 8Page - Analog Devices ADG732BSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
ADG726/ADG732
B Version
–40 C
Parameter
+25 C
to +85 CUnit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)7
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
11
12
Ω max
Test Circuit 1
On Resistance Match Between
0.35
Ω typ
VS = 0 V to VDD, IDS = 10 mA
Channels (
∆R
ON)1
Ω max
On Resistance Flatness (RFLAT(ON))3
Ω typ
VS = 0 V to VDD, IDS = 10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
±0.25
±1
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
nA max
VS = 1 V/3 V, VD = 3 V/1 V;
ADG726
±0.5
±2.5
nA max
Test Circuit 3
ADG732
±1
±5
nA max
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VS = VD = 1 V or 3 V;
ADG726
±0.5
±2.5
nA max
Test Circuit 4
ADG732
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
34
ns typ
RL = 300
Ω, C
L = 35 pF; Test Circuit 5
52
62
ns max
VS1 = 2 V/0 V, VS32 = 0 V/2 V
Break-Before-Make Time Delay, tD
26
ns typ
RL = 300
Ω, CL = 35 pF;
1
ns min
VS = 2 V; Test Circuit 6
tON(WR, CS)29
ns typ
VS = 2 V; Test Circuit 7
43
52
ns max
RL = 300
Ω, CL = 35 pF;
tOFF(WR, CS)26
ns typ
VS = 2 V; Test Circuit 7
38
42
ns max
RL = 300
Ω, C
L = 35 pF;
tON(EN, WR)33
ns typ
RL = 300
Ω, CL = 35 pF;
48
55
ns max
VS = 3 V; Test Circuit 8
tOFF(EN)19
ns typ
RL = 300
Ω, C
L = 35 pF;
25
28
ns max
VS = 2 V; Test Circuit 8
Charge Injection
1
pC typ
VS = 1.5 V, RS = 0
Ω, CL = 1 nF;
Test Circuit 9
Off Isolation
–72
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 10
Channel-to-Channel Crosstalk
–72
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 11
–3 dB Bandwidth
RL = 50
Ω, CL = 5 pF; Test Circuit 12
ADG726
34
MHz typ
ADG732
18
MHz typ
CS (OFF)
13
pF typ
f = 1 MHz
CD (OFF)
ADG726
170
pF typ
f = 1 MHz
ADG732
340
pF typ
f = 1 MHz
CD, CS (ON)
ADG726
175
pF typ
f = 1 MHz
ADG732
350
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 3.3 V
IDD
5
µA typ
Digital Inputs = 0 V or 3.3 V
10
µA max
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +85°C.
2Guaranteed by design; not subject to production test.
Specifications subject to change without notice.
SPECIFICATIONS1(V
DD = 3 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted.)


Similar Part No. - ADG732BSU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG732BSU AD-ADG732BSU Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG732BSU AD-ADG732BSU Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com