Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S101K25X7RN6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S101K25X7RN6
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S101K25X7RN6 Datasheet(HTML) 2 Page - Vishay Siliconix

  S101K25X7RN6 Datasheet HTML 1Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 2Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 3Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 4Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 5Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 6Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 7Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 8Page - Vishay Siliconix S101K25X7RN6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28515
54
Revision: 07-Jan-10
S Series
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
ORDERING INFORMATION 1 kVDC, STRAIGHT
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 SL0
10
± 5
6.5
5.0
4.0
S100J25SL0N6.J5.
± 10
S100K25SL0N6.J5.
12
± 5
S120J25SL0N6.J5.
± 10
S120K25SL0N6.J5.
15
± 5
S150J25SL0N6.J5.
± 10
S150K25SL0N6.J5.
18
± 5
S180J25SL0N6.J5.
± 10
S180K25SL0N6.J5.
22
± 5
S220J25SL0N6.J5.
± 10
S220K25SL0N6.J5.
27
± 5
S270J25SL0N6.J5.
± 10
S270K25SL0N6.J5.
33
± 5
S330J25SL0N6.J5.
± 10
S330K25SL0N6.J5.
39
± 5
S390J25SL0N6.J5.
± 10
S390K25SL0N6.J5.
47
± 5
S470J25SL0N6.J5.
± 10
S470K25SL0N6.J5.
56
± 5
7.5
S560J29SL0N6.J5.
± 10
S560K29SL0N6.J5.
68
± 5
S680J29SL0N6.J5.
± 10
S680K29SL0N6.J5.
82
± 5
S820J29SL0N6.J5.
± 10
S820K29SL0N6.J5.
100
± 5
S101J29SL0N6.J5.
± 10
S101K29SL0N6.J5.
120
± 5
8.5
S121J33SL0N6.J5.
± 10
S121K33SL0N6.J5.
150
10
S151K33SL0N6.J5.
220
S221K39SL0N6.J5.
CLASS 2 X7R
100
± 10
6.5
5.0
4.0
S101K25X7RN6.J5.
150
S151K25X7RN6.J5.
220
S221K25X7RN6.J5.
330
S331K25X7RN6.J5.
470
7.5
S471K29X7RN6.J5.
680
S681K29X7RN6.J5.
1000
8.5
S102K33X7RN6.J5.
1500
10
S152K39X7RN6.J5.
2200
11
S222K43X7RN6.J5.
3 300
12
7.5
S332K47X7RN6.J7.
4 700
15
4.8
S472K59X7RN6.J7.
CLASS 2 Y5P
100
± 10
6.5
5.0
4.0
S101K25Y5PN6.J5.
150
S151K25Y5PN6.J5.
220
S221K25Y5PN6.J5.
330
S331K25Y5PN6.J5.
470
S471K25Y5PN6.J5.
680
7.5
S681K29Y5PN6.J5.
1000
S102K29Y5PN6.J5.
1500
8.5
S152K33Y5PN6.J5.


Similar Part No. - S101K25X7RN6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S101K25X7RN6.J5 VISHAY-S101K25X7RN6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6.J5. VISHAY-S101K25X7RN6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S101K25X7RN6J5 VISHAY-S101K25X7RN6J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results

Similar Description - S101K25X7RN6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com