Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG613YRUZ1 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG613YRUZ1
Description  1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG613YRUZ1 Datasheet(HTML) 2 Page - Analog Devices

  ADG613YRUZ1 Datasheet HTML 1Page - Analog Devices ADG613YRUZ1 Datasheet HTML 2Page - Analog Devices ADG613YRUZ1 Datasheet HTML 3Page - Analog Devices ADG613YRUZ1 Datasheet HTML 4Page - Analog Devices ADG613YRUZ1 Datasheet HTML 5Page - Analog Devices ADG613YRUZ1 Datasheet HTML 6Page - Analog Devices ADG613YRUZ1 Datasheet HTML 7Page - Analog Devices ADG613YRUZ1 Datasheet HTML 8Page - Analog Devices ADG613YRUZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Dual-Supply Operation ............................................................... 3
 
Single-Supply Operation ............................................................. 4
 
Absolute Maximum Ratings ............................................................6
 
ESD Caution...................................................................................6
 
Pin Configuration and Function Descriptions..............................7
 
Typical Performance Characteristics ..............................................8
 
Terminology .................................................................................... 10
 
Test Circuits..................................................................................... 11
 
Applications Information .............................................................. 13
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
11/09—Rev. 0 to Rev. A
Changes to Analog Signal Range Parameter
and to On Resistance, RON Parameter, Table 1.......................... 3
Change to Digital Input Capacitance, CIN Parameter, Table 2.... 4
Changes to Table 4 and to Absolute Maximum Ratings Section......6
Added Table 5; Renumbered Sequentially .................................... 7
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 14
1/02—Revision 0: Initial Version


Similar Part No. - ADG613YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG613YRU AD-ADG613YRU Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
More results

Similar Description - ADG613YRUZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Analog Devices
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com