Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG633YCP-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG633YCP-REEL7
Description  CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG633YCP-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG633YCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 9Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 10Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 11Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 12Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 13Page - Analog Devices ADG633YCP-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG633
Rev. A | Page 10 of 1
6
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = –5V
VSS = +5V
TA = 25°C
Figure 16. Crosstalk vs. Frequency
100
0.01
0.1
1
10
100
20
1k
10k
20k
FREQUENCY (Hz)
600
INPUT AND OUTPUT
VDD = +5V
VSS = –5V
TA = 25°C
Figure 17. THD + Noise vs. Frequency
10k
1k
100
10
1
0.1
0.01
02468
10
12
V (EN) (V)
VSS = 0V
VDD = 12V
VDD = 5V
VDD = 3V
Figure 18. VDD Current vs. Logic Level
3.0
2.5
2.0
1.5
1.0
0.5
0
02468
10
12
VDD (V)
Figure 19. Logic Threshold Voltage vs. VDD


Similar Part No. - ADG633YCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633YCP AD-ADG633YCP Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
More results

Similar Description - ADG633YCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com