Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG436BN Datasheet(PDF) 8 Page - Analog Devices

Part # ADG436BN
Description  Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG436BN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG436BN Datasheet HTML 4Page - Analog Devices ADG436BN Datasheet HTML 5Page - Analog Devices ADG436BN Datasheet HTML 6Page - Analog Devices ADG436BN Datasheet HTML 7Page - Analog Devices ADG436BN Datasheet HTML 8Page - Analog Devices ADG436BN Datasheet HTML 9Page - Analog Devices ADG436BN Datasheet HTML 10Page - Analog Devices ADG436BN Datasheet HTML 11Page - Analog Devices ADG436BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG436
Rev. B | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
26
22
18
14
10
6
–15
–10
–5
0
5
10
15
VD, VS (V)
VDD = +5V
VSS = –5V
TA = 25°C
VDD = +10V
VSS = –10V
VDD = +15V
VSS = –15V
Figure 3. RON as a Function of VD (VS):
Dual Supply
50
10
15
20
25
30
35
40
45
015
12
9
6
3
VD, VS (V)
VDD = 5V
VSS = 0V
VDD = 10V
VSS = 0V
VDD = 15V
VSS = 0V
Figure 4. RON as a Function of VD (VS):
Single Power Supply
16
14
12
10
8
6
–15
–10
–5
0
5
10
15
VD, VS (V)
VDD = +16.5V
VSS = –16.5V
+85
°C
+25
°C
–40
°C
Figure 5. RON as a Function of VD (VS) for Different Temperatures:
Dual Supply
20
18
16
14
12
10
0369
12
VD, VS (V)
15
VDD = 16.5V
VSS = 0V
+85
°C
+25
°C
–40
°C
Figure 6. RON as a Function of VD (VS) for Different Temperatures:
Single Supply
0.01
–0.03
–0.02
–0.01
0
–15
–10
–5
0
5
10
15
VD, VS (V)
VDD = +16.5V
VSS = –16.5V
TA = 25°C
Figure 7. ID (ON) Leakage Current as a Function of VD (VS):
Dual Supply
VD, VS (V)
VDD = +16.5V
VSS = –16.5V
TA = 25°C
0.01
–0.03
–0.02
–0.01
0
–15
–10
–5
0
5
10
15
Figure 8. IS (OFF) Leakage Current as a Function of VD (VS):
Dual Supply


Similar Part No. - ADG436BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436BN AD-ADG436BN Datasheet
93Kb / 8P
   Dual SPDT Switch
REV. A
More results

Similar Description - ADG436BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436 Datasheet
93Kb / 8P
   Dual SPDT Switch
REV. A
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
   Differential SPDT or Dual SPDT Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com