Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS0603N04N3503JE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTHS0603N04N3503JE
Description  Extended resistance values available in standard sizes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTHS0603N04N3503JE Datasheet(HTML) 2 Page - Vishay Siliconix

  NTHS0603N04N3503JE Datasheet HTML 1Page - Vishay Siliconix NTHS0603N04N3503JE Datasheet HTML 2Page - Vishay Siliconix NTHS0603N04N3503JE Datasheet HTML 3Page - Vishay Siliconix NTHS0603N04N3503JE Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTHS Series
www.vishay.com
Vishay Dale
Revision: 25-Jan-12
2
Document Number: 33008
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• Thickness of the part is depending on the resistance value and curve
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: NTHS1206N02N1002JE (preferred part number format)
GLOBAL
MODEL
CONDUCTOR
TYPE
CURVE
CHARACTERISTIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
NTHS0402
NTHS0603
NTHS0805
NTHS1206
Nickel barrier
01
02
03
04
05
06
10
11
17
N
1002 = 10K
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
F = Lead (Pb)-free,
bulk
E = Lead (Pb)-free,
T/R (2K pcs, full)
U = Lead (Pb)-free,
T/R (5K pcs, full)
P = Tin/lead,
bulk
R = Tin/lead,
T/R (2K pcs, full)
G = Tin/lead,
T/R (5K pcs, full)
PART NUMBER
L
W
BW
tmax.
NTHS0402
0.040 ± 0.004
(1.02 ± 0.10)
0.022 ± 0.006
(0.56 ± 0.15)
0.010 ± 0.004
(0.25 ± 0.10)
0.028
(0.71)
NTHS0603
0.063 ± 0.008
(1.60 ± 0.20)
0.031 ± 0.008
(0.80 ± 0.20)
0.010 ± 0.006
(0.25 ± 0.15)
0.039
(1.00)
NTHS0805
0.079 ± 0.008
(2.01 ± 0.20)
0.049 ± 0.008
(1.25 ± 0.20)
0.012 ± 0.006
(0.30 ± 0.15)
0.057
(1.45)
NTHS1206
0.126 ± 0.008
(3.20 ± 0.20)
0.063 ± 0.008
(1.60 ± 0.20)
0.018 ± 0.008
(0.46 ± 0.20)
0.071
(1.80)
W
L
BW
t
S1
2
0
N
0
N
6
TH
02J
E
0
N
21


Similar Part No. - NTHS0603N04N3503JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS0603N01N1002FE VISHAY-NTHS0603N01N1002FE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002FU VISHAY-NTHS0603N01N1002FU Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002GE VISHAY-NTHS0603N01N1002GE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002GU VISHAY-NTHS0603N01N1002GU Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002HE VISHAY-NTHS0603N01N1002HE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
More results

Similar Description - NTHS0603N04N3503JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS1206N06N2201JE VISHAY-NTHS1206N06N2201JE Datasheet
86Kb / 3P
   Extended resistance values available in standard sizes, Allows design flexibility for use with hybrid circuitry
Revision: 25-Jan-12
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
   Four industry standard sizes available
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
NIC-Components Corp.
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
Ohmite Mfg. Co.
AW56GKE OHMITE-AW56GKE Datasheet
100Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
AZ101KE OHMITE-AZ101KE Datasheet
152Kb / 1P
   PulsEater Ceramic Composition Available in E12 Ohmic values
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com