Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S852T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S852T
Description  Silicon NPN Planar RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S852T Datasheet(HTML) 2 Page - Vishay Siliconix

  S852T Datasheet HTML 1Page - Vishay Siliconix S852T Datasheet HTML 2Page - Vishay Siliconix S852T Datasheet HTML 3Page - Vishay Siliconix S852T Datasheet HTML 4Page - Vishay Siliconix S852T Datasheet HTML 5Page - Vishay Siliconix S852T Datasheet HTML 6Page - Vishay Siliconix S852T Datasheet HTML 7Page - Vishay Siliconix S852T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 85052
Rev. 1.5, 08-Sep-08
S852T / S852TW
Vishay Semiconductors
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter cut-off current
VCE = 12 V, VBE = 0
ICES
100
μA
Collector-base cut-off current
VCB = 8 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
1
μA
Collector-emitter breakdown
voltage
IC = 1 mA, IB = 0
V(BR)CEO
6V
Collector-emitter saturation
voltage
IC = 5 mA, IB = 0.5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio VCE = 3 V, IC = 1 mA
hFE
40
90
150
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 3 V, IC = 1 mA,
f = 500 MHz
fT
4.7
GHz
VCE = 2 V, IC = 1.5 mA,
f = 500 MHz
fT
5.2
GHz
Collector-base capacitance
VCB = 1 V, f = 1 MHz
Ccb
0.25
pF
Noise figure
ZS = ZSopt, f = 450 MHz,
VCE = 2 V, IC = 0.5 mA
Fopt
1.1
dB
ZS = ZSopt, f = 945 MHz,
VCE = 3 V, IC = 1 mA
Fopt
1.8
dB
ZS = ZSopt, f = 945 MHz,
VCE = 2 V, IC = 1.5 mA
Fopt
2dB
Power gain
VCE = 2 V, IC = 0.5 mA,
f = 450MHz
Gpe @Fopt
11.5
dB
VCE = 3 V, IC = 1 mA,
f = 945 MHz
Gpe @Fopt
10.5
dB
VCE = 2 V, IC = 1.5 mA,
f = 945 MHz
Gpe @Fopt
12
dB
Collector current for fT max
VCE = 2 V, f = 500 MHz
IC
3mA
Real part of input impedance
VCE = 3 V, IC = 1 mA,
f = 945 MHz
Re(h11e)
50
Ω
VCE = 2 V, IC = 1.5 mA,
f = 945 MHz
Re(h11e)
50
Ω


Similar Part No. - S852T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S852T VISHAY-S852T Datasheet
179Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 02-May-05
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852T VISHAY-S852T Datasheet
281Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
S852TF VISHAY-S852TF Datasheet
86Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results

Similar Description - S852T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com