Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6H74 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6H74
Description  2.7 MHz, 12V Op Amps
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H74 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6H74 Datasheet HTML 6Page - Microchip Technology MCP6H74 Datasheet HTML 7Page - Microchip Technology MCP6H74 Datasheet HTML 8Page - Microchip Technology MCP6H74 Datasheet HTML 9Page - Microchip Technology MCP6H74 Datasheet HTML 10Page - Microchip Technology MCP6H74 Datasheet HTML 11Page - Microchip Technology MCP6H74 Datasheet HTML 12Page - Microchip Technology MCP6H74 Datasheet HTML 13Page - Microchip Technology MCP6H74 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP6H71/2/4
DS22325B-page 10
 2012 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-19:
Channel-to-Channel
Separation vs. Frequency (MCP6H72/4 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Swing vs.
Frequency.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
90
100
110
120
130
140
70
80
90
100
1000
10000
100000
100000
Frequency (Hz)
100
1k
10k
100k
1M
Input Referred
60
80
100
120
140
160
180
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
Gain Bandwidth Product
0
20
40
0.0
0.5
1.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
Phase Margin
V
DD = 3.5V
40
60
80
100
120
140
160
180
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Gain Bandwidth Product
0
20
40
0.0
0.5
1.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
Phase Margin
V
DD = 12V
20
30
40
50
60
70
T
A = +125°C
T
A = +85°C
T
A = +25°C
T = 40°C
0
10
02468
10
12
Power Supply Voltage (V)
T
A = -40 C
1
10
100
V
DD = 3.5V
V
DD = 5V
V
DD = 12V
0.1
1000
10000
100000
1000000
10000000
Frequency (Hz)
1k
10k
100k
1M
10M
1
10
100
1000
V
DD - VOH
V
OL -VSS
V
DD = 12V
0.1
1
0.01
0.1
1
10
100
Output Current (mA)
DD
OH


Similar Part No. - MCP6H74

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H04 MICROCHIP-MCP6H04 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
More results

Similar Description - MCP6H74

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
   5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
   10 MHz, 12V Op Amps
2012 11/29/12
logo
3PEAK INC.
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
   12V, 7MHz, 20V/關s Op Amps
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
   1 MHz, 45 A Op Amps
2009
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP631 MICROCHIP-MCP631 Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP661 MICROCHIP-MCP661 Datasheet
833Kb / 42P
   60 MHz, 6 mA Op Amps
2009
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
   2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
   10 MHz, 850 μA Op Amps
Revision C October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com