Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF05M10680K Datasheet(PDF) 2 Page - AVX Corporation

Part # VF05M10680K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF05M10680K Datasheet(HTML) 2 Page - AVX Corporation

  VF05M10680K Datasheet HTML 1Page - AVX Corporation VF05M10680K Datasheet HTML 2Page - AVX Corporation VF05M10680K Datasheet HTML 3Page - AVX Corporation VF05M10680K Datasheet HTML 4Page - AVX Corporation VF05M10680K Datasheet HTML 5Page - AVX Corporation VF05M10680K Datasheet HTML 6Page - AVX Corporation VF05M10680K Datasheet HTML 7Page - AVX Corporation VF05M10680K Datasheet HTML 8Page - AVX Corporation VF05M10680K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
13
* VE13 / VF10: For models with V
RMS 320 V
other version/suffixes available with:
E = 5.08 (0.20) Suffix:
Ø = 0.6 (.024) Bulk: HB
D = 12.5 (.492) max Tape: DA, DB, DC,
DD, DQ, ...
**VE24 / VF20: For lead diameter = 1.0 (.039),
please consult us.
GENERAL CHARACTERISTICS
Storage temperature:
-40°C to +125°C
Max. operating temperature: +85°C
Response time:
< 25 ns
Voltage coefficient temp.:
⎮K⎮ < 0.09%/°C
Voltage proof:
2500 V
Epoxy coating:
Flame retardant
UL94-VO
MARKING
Type
AC nominal voltage (EIA coding) for VE types
V
1mA varistor voltage (EIA coding) for VF types
Logo
UL logo (when approved)
Lot number (VE13/17/24 and VF10/14/20 only)
D
Maximum
ø
Type
Type
Ceramic
coated
H
t
+10%
E
diameter
diameter
max.
max.
–0.05 (.002) ± 0.8 (.031)
VE07
VF05
5 (.196)
7 (.275) 10 (.394)
0.6 (.024) 5.08 (0.20)
VE09
VF07
7 (.275)
9 (.354) 12 (.472)
0.6 (.024) 5.08 (0.20)
VE13* VF10* 10 (.393) 13* (.512) 16 (.630) see
0.8* (.031) 7.62*(0.30)
VE17
VF14
14 (.551) 17 (.669) 20 (.787) table 0.8 (.031) 7.62 (0.30)
VE24** VF20** 20 (.787) 24 (.945) 27 (1.06)
0.8** (.031) 7.62 (0.30)
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1
10
1 surge
2 surges
pF
W
mm (inches)
Page
Page
43
1
0.4
0.2
100
50
1050
0.01
3.6 (.142)
22
24
43
2.5
0.9
0.6
250
125
1900
0.02
3.6 (.142)
22
25
43
5
2
1.3
500
250
4000
0.05
4.3 (.169)
22
26
43
10
4
2.6
1000
500
4000
0.10
4.3 (.169)
23
27
53
1
0.5
0.3
100
50
1050
0.01
3.7 (.146)
22
24
53
2.5
1.1
0.7
250
125
1900
0.02
3.7 (.146)
22
25
53
5
2.5
1.6
500
250
4000
0.05
4.3 (.169)
22
26
53
10
4.7
3.0
1000
500
6800
0.10
4.3 (.169)
23
27
65
1
0.6
0.3
100
50
750
0.01
3.9 (.154)
22
24
65
2.5
1.3
0.9
250
125
1500
0.02
3.9 (.154)
22
25
65
5
3.1
2.0
500
250
3100
0.05
4.5 (.177)
22
26
65
10
5.7
4.0
1000
500
5700
0.10
4.5 (.177)
23
27
77
1
0.7
0.4
100
50
660
0.01
3.6 (.142)
22
24
77
2.5
1.6
1.0
250
125
1250
0.02
3.6 (.142)
22
25
77
5
3.7
3
500
250
2800
0.05
4.4 (.173)
22
26
77
10
7
5
1000
500
4600
0.10
4.4 (.173)
23
27
93
1
0.9
0.4
100
50
580
0.01
3.8 (.150)
22
24
93
2.5
2.0
1
250
125
1050
0.02
3.8 (.150)
22
25
93
5
4.4
4
500
250
2150
0.05
4.4 (.173)
22
26
93
10
9.0
7
1000
500
3500
0.10
4.4 (.173)
23
27
110
1
1.1
0.4
100
50
460
0.01
3.9 (.154)
22
24
110
2.5
2.5
1
250
125
850
0.02
3.9 (.154)
22
25
110
5
5.4
4.4
500
250
1900
0.05
4.7 (.185)
22
26
110
10
10.0
8
1000
500
3100
0.10
4.7 (.185)
23
27
135
1
1.3
0.5
100
50
400
0.01
4.1 (.161)
22
24
135
2.5
3.0
1
250
125
720
0.02
4.1 (.161)
22
25
135
5
8.4
5.9
500
250
1700
0.05
4.9 (.193)
22
26
135
10
13.0
8.5
1000
500
2800
0.10
4.9 (.193)
23
27
135
5
1.8
0.6
400
200
300
0.1
3.5 (.138)
22
24
135
10
4.2
1.6
1200
600
530
0.2
3.5 (.138)
22
25
135
25
8.4
6
2500
1250
950
0.4
4.1 (.161)
22
26
135
50
15.0
11
4500
2500
1800
0.6
4.1 (.161)
23
27
Zinc Oxide Varistors
VE 07/09/13/17/24
VF 05/07/10/14/20
DIMENSIONS millimeters (inches)


Similar Part No. - VF05M10680K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF05P10221K AVX-VF05P10221K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF05P10241K AVX-VF05P10241K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF05P10271K AVX-VF05P10271K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF05P10331K AVX-VF05P10331K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF05P10361K AVX-VF05P10361K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VF05M10680K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com