Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_09U00683 Datasheet(PDF) 25 Page - AVX Corporation

Part # N_09U00683
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_09U00683 Datasheet(HTML) 25 Page - AVX Corporation

Back Button N_09U00683 Datasheet HTML 21Page - AVX Corporation N_09U00683 Datasheet HTML 22Page - AVX Corporation N_09U00683 Datasheet HTML 23Page - AVX Corporation N_09U00683 Datasheet HTML 24Page - AVX Corporation N_09U00683 Datasheet HTML 25Page - AVX Corporation N_09U00683 Datasheet HTML 26Page - AVX Corporation N_09U00683 Datasheet HTML 27Page - AVX Corporation N_09U00683 Datasheet HTML 28Page - AVX Corporation N_09U00683 Datasheet HTML 29Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
24
NTC Disc Thermistors
ND/NE/NV 09
TABLE OF VALUES
ND09/NE09/NV09
9.5 (.374) max
3.5 (.138) max
ø 0.6 (.024)
+10%
-0.05
5.08 (.02)
NV09
9.5 (.375) max
5 (.197) max
ø 0.6 (.024)
+10%
-0.05
5.08 (.02)
ND09/NE09
Part Number
Rn at 25°C (Ω)
Material Code
B (K)
at 25°C (%/°C)
(ΔB/B
)
N_09J00680
68
J
3480 (2)
– 3.9
N_09J00101
100
N_09K00151
150
K
3630 (2)
– 4.0
N_09K00221
220
N_09L00331
330
L
3790 (2)
– 4.2
N_09M00471
470
M
3950 (2)
– 4.4
N_09M00681
680
N_09N00102
1,000
N
4080 (2)
– 4.6
N_09N00152
1,500
N_09P00222
2,200
N_09P00332
3,300
P
4220 (2)
– 4.7
N_09Q00472
4,700
Q
4300 (2)
– 4.7
N_09Q00682
6,800
N_09R00103
10,000
R
4400 (2)
– 4.8
N_09R00153
15,000
N_09S00223
22,000
S
4520 (2)
– 5.0
N_09T00333
33,000
T
4630 (2)
– 5.1
N_09T00473
47,000
N_09U00683
68,000
N_09U00104
100,000
U
4840 (2)
– 5.3
N_09U00154
150,000
(1) ± 5%
(2) ± 3%


Similar Part No. - N_09U00683

ManufacturerPart #DatasheetDescription
logo
Heyco.
N009 HEYCO-N009 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N009-004-R TRIPPLITE-N009-004-R Datasheet
152Kb / 2P
   Cat5e Retractable Patch Cable, 4-ft.
logo
Heyco.
N109 HEYCO-N109 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Keysight Technologies
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092A KEYSIGHT-N1092A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N_09U00683

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com