Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA040A Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA040A
Description  4K SPI Bus Serial EEPROM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040A Datasheet(HTML) 4 Page - Microchip Technology

  25AA040A_12 Datasheet HTML 1Page - Microchip Technology 25AA040A_12 Datasheet HTML 2Page - Microchip Technology 25AA040A_12 Datasheet HTML 3Page - Microchip Technology 25AA040A_12 Datasheet HTML 4Page - Microchip Technology 25AA040A_12 Datasheet HTML 5Page - Microchip Technology 25AA040A_12 Datasheet HTML 6Page - Microchip Technology 25AA040A_12 Datasheet HTML 7Page - Microchip Technology 25AA040A_12 Datasheet HTML 8Page - Microchip Technology 25AA040A_12 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
25AA040A/25LC040A
DS21827H-page 4
 2003-2012 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
17
THH
HOLD Hold Time
20
40
80
ns
ns
ns
4.5V
VCC  5.5V
2.5V
VCC  4.5V
1.8V
VCC  2.5V
18
THZ
HOLD Low to Output
High-Z
30
60
160
ns
ns
ns
4.5V
VCC  5.5V (Note 1)
2.5V
VCC  4.5V (Note 1)
1.8V
VCC  2.5V (Note 1)
19
THV
HOLD High to Output
Valid
30
60
160
ns
ns
ns
4.5V
VCC  5.5V
2.5V
VCC  4.5V
1.8V
VCC  2.5V
20
TWC
Internal Write Cycle Time
(byte or page)
—5
ms
(Note 3)
21
Endurance
1M
E/W
Cycles
25°C, VCC = 5.5V (Note 2)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E): TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site:
www.microchip.com.
3: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 100 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
 4.0V
2: For VCC
4.0V


Similar Part No. - 25AA040A_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA040A-E/MC MICROCHIP-25AA040A-E/MC Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A-E/MC MICROCHIP-25AA040A-E/MC Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040A-E/MS MICROCHIP-25AA040A-E/MS Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A-E/MS MICROCHIP-25AA040A-E/MS Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040A-E/OT MICROCHIP-25AA040A-E/OT Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA040A_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040 Datasheet
240Kb / 12P
   4K SPI ??Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040_06 Datasheet
419Kb / 22P
   4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
   4K SPI Bus Serial EEPROM
08/29/06
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com