Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF10M10330K Datasheet(PDF) 7 Page - AVX Corporation

Part # VF10M10330K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF10M10330K Datasheet(HTML) 7 Page - AVX Corporation

Back Button VF10M10330K Datasheet HTML 3Page - AVX Corporation VF10M10330K Datasheet HTML 4Page - AVX Corporation VF10M10330K Datasheet HTML 5Page - AVX Corporation VF10M10330K Datasheet HTML 6Page - AVX Corporation VF10M10330K Datasheet HTML 7Page - AVX Corporation VF10M10330K Datasheet HTML 8Page - AVX Corporation VF10M10330K Datasheet HTML 9Page - AVX Corporation VF10M10330K Datasheet HTML 10Page - AVX Corporation VF10M10330K Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
22
Zinc Oxide Varistors
Electrical Characteristics VE / VF Types
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 09/VF 07
385
275
230
150
130
60
40
30
20
17
25
35
50
75
115
160
175
210
250
300
420
385
275
230
150
130
95
60
50
40
30
20
17
25
35
75
115
130
175
210
250
300
420
95
14
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
10
VE 07/VF 05
275
300
275
300
250
210
250
175
240
115
75
50
35
15
17
14
14
230
150
210
230
160
130
95
20
30
60
175
140
115
75
50
40
35
25
17
130
95
95
60
40
30
20
10
U(V)
I(A)
10
3
8
6
4
2
8
6
4
2
10
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
10
2
10
3
1
VE 13/VF 10
510
420
300
250
210
175
140
115
175
50
35
25
17
20
30
40
60
95
130
150
230
275
385
550
510
420
300
250
210
175
140
115
130
150
230
275
385
460
550
625
575
75
50
35
25
17
20
30
60
95
14
14
575
625
VOLTAGE-CURRENT CHARACTERISTICS
V/I characteristics give:
- for I below 1 mA the maximum leakage current under V
dc
- for I above 1 mA the maximum clamping voltage


Similar Part No. - VF10M10330K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VF10 NJSEMI-VF10 Datasheet
91Kb / 1P
   Diffused Silicon Junction
logo
List of Unclassifed Man...
VF10-10 ETC-VF10-10 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
logo
New Jersey Semi-Conduct...
VF10-10 NJSEMI-VF10-10 Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
List of Unclassifed Man...
VF10-10X ETC-VF10-10X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
logo
New Jersey Semi-Conduct...
VF10-10X NJSEMI-VF10-10X Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results

Similar Description - VF10M10330K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com