Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_09K00221 Datasheet(PDF) 9 Page - AVX Corporation

Part # N_09K00221
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_09K00221 Datasheet(HTML) 9 Page - AVX Corporation

Back Button N_09K00221 Datasheet HTML 5Page - AVX Corporation N_09K00221 Datasheet HTML 6Page - AVX Corporation N_09K00221 Datasheet HTML 7Page - AVX Corporation N_09K00221 Datasheet HTML 8Page - AVX Corporation N_09K00221 Datasheet HTML 9Page - AVX Corporation N_09K00221 Datasheet HTML 10Page - AVX Corporation N_09K00221 Datasheet HTML 11Page - AVX Corporation N_09K00221 Datasheet HTML 12Page - AVX Corporation N_09K00221 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
8
NTC Thermistors
Selection Guide
Types
Range of Values
Main Applications
Page
R at 25°C
SMD
- Hybrid circuit
NC 12/20
- Temperature
10
NB 12/20
Compensation
12
NB 21/23
14
Accuracy Series
19
Leaded Discs
21
Leadless Discs
27
- Temperature
measurement
- Temperature
measurement
and regulation
- Level detection
- Compensation
- Automotive
and industrial
thermal control
Custom designed products
generally defined at two temperatures
NJ 28
NI 24
NP 30
NK 20
N.03
N.06
N.09
NR
10 Ω
1 MΩ
2 kΩ
100 kΩ
2 kΩ
100 kΩ
330 Ω
1 MΩ
150 Ω
330 kΩ
68 Ω
150 kΩ


Similar Part No. - N_09K00221

ManufacturerPart #DatasheetDescription
logo
Heyco.
N009 HEYCO-N009 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N009-004-R TRIPPLITE-N009-004-R Datasheet
152Kb / 2P
   Cat5e Retractable Patch Cable, 4-ft.
logo
Heyco.
N109 HEYCO-N109 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Keysight Technologies
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092A KEYSIGHT-N1092A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N_09K00221

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com