Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSW13 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPSW13
Description  One Watt Darlington Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSW13 Datasheet(HTML) 2 Page - Motorola, Inc

  MPSW13 Datasheet HTML 1Page - Motorola, Inc MPSW13 Datasheet HTML 2Page - Motorola, Inc MPSW13 Datasheet HTML 3Page - Motorola, Inc MPSW13 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSW13 MPSW14
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
MPSW13
MPSW14
(IC = 100 mAdc, VCE = 5.0 Vdc)
MPSW13
MPSW14
hFE
5,000
10,000
10,000
20,000
Collector–Emitter Saturation Voltage
(IC = 100 mAdc, IB = 0.1 mAdc)
VCE(sat)
1.5
Vdc
Base–Emitter On Voltage
(IC = 100 mAdc, VCE = 5.0 Vdc)
VBE(on)
2.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(2)
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
125
MHz
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT = |hfe| • ftest.
500
5.0
IC, COLLECTOR CURRENT (mA)
200 k
100 k
70 k
IB, BASE CURRENT (mA)
5.0
50
2.0
1.0
0.5
50 k
20 k
30
10
20
100
200
10
20
0.5 1.0 2.0
1.5
2.5
3.0
0.1
0.2
100
TJ = 125°C
TJ = 25°C
IC =
50 mA
IC =
10 mA
IC =
500 mA
IC =
250 mA
1.5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
3.0 k
2.0 k
1.0 k
500
200
20
2.0
5.0
30
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
10
TA = 25°C
TC = 25°C
1.0 ms
1.0 s
100
ms
Figure 1. Active Region — Safe Operating
Area
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
7.0
70
50
300
10 k
7.0 k
5.0 k
2.0 k
30 k
3.0 k
VCE = 5.0 V
–55
°C
25
°C
500
200
1000
DUTY CYCLE
≤ 10%


Similar Part No. - MPSW13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPSW13 ONSEMI-MPSW13 Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
MPSW13RLRA ONSEMI-MPSW13RLRA Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
MPSW13RLRAG ONSEMI-MPSW13RLRAG Datasheet
57Kb / 4P
   One Watt Darlington Transistor NPN Silicon
February, 2006 ??Rev. 4
More results

Similar Description - MPSW13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
MPSW45 MOTOROLA-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW63G ONSEMI-MPSW63G Datasheet
96Kb / 4P
   One Watt Darlington Transistors
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPS6724 MOTOROLA-MPS6724 Datasheet
233Kb / 6P
   One Watt Darlington Transistors
logo
ON Semiconductor
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
   One Watt Darlington Transistors(NPN Silicon)
1996
MPSW63 ONSEMI-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors(PNP Silicon)
1996
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
   One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
   One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
logo
Motorola, Inc
MPSW05 MOTOROLA-MPSW05 Datasheet
138Kb / 4P
   One Watt Amplifier Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com