Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06P00103 Datasheet(PDF) 37 Page - AVX Corporation

Part # N_06P00103
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06P00103 Datasheet(HTML) 37 Page - AVX Corporation

Back Button N_06P00103 Datasheet HTML 30Page - AVX Corporation N_06P00103 Datasheet HTML 31Page - AVX Corporation N_06P00103 Datasheet HTML 32Page - AVX Corporation N_06P00103 Datasheet HTML 33Page - AVX Corporation N_06P00103 Datasheet HTML 34Page - AVX Corporation N_06P00103 Datasheet HTML 35Page - AVX Corporation N_06P00103 Datasheet HTML 36Page - AVX Corporation N_06P00103 Datasheet HTML 37Page - AVX Corporation N_06P00103 Datasheet HTML 38Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
36
Fast Blow SMT Fuse (Surface Mount Fuse)
High accuracy, fast blow, surface mount fuses. Case sizes: 0402,
0603, 0805, 1206, 0612. Current ratings 250 mA to 5 Amps.
SMT Broadband LCT Filter (Feedthru)
Miniature surface mount broadband LC T configuration EMI filters.
FeedThru current ratings to 300 mA.
SMT Broadband LCT Filter Array (Feedthru Array)
Miniature surface mount broadband 4 element LC T configuration
EMI filter arrays. FeedThru current ratings of 300 mA.
SMT High Current Broadband LCT Filter
(High Current Feedthru)
High current, surface mount, broadband LC T configuration filters.
Feedthru currents up to 5 Amps.
SMT Bidirectional Transient Voltage Suppressors
& EMI Filters (TransGuard)
Miniature surface mount, bidirectional transient voltage
suppressor. Steady state operating voltages of 3.3 volts to 60
volts. Case sizes: 0402, 0603, 0805, 1206, 1210, 1812, 2220.
SMT Bidirectional Transient Voltage Suppressors
& EMI Filter Arrays (MultiGuard)
Miniature surface mount bidirectional transient voltage suppressor
2 or 4 element arrays. Steady state operating voltages of 5.6 volts
to 18 volts. Case sizes: 0405, 0508, 0612.
Low Capacitance SMT Bidirectional Transient Voltage
Suppressors & EMI Filters (StaticGuard)
Bidirectional transient voltage suppressor intended for low leakage
CMOS based IC protection. Can be operated at voltages up to
18V. Case sizes: 0402, 0405, 0508, 0603, 0612, 0805, 1206.
SMT Bidirectional LCT Transient Voltage Suppressor
Filters (TransFeed)
Miniature bidirectional transient voltage suppressor filter LC T
configuration. Relatively narrow band, high attenuation filter.
Discrete filter in 0508 package, 4 element array filter in 0612
package.
Low Capacitance Bidirectional Transient Voltage
Suppressors (AntennaGuard)
Low capacitance, bidirectional transient voltage suppressor
intended for high speed or high frequency applications. Available
in 0402 and 0603 case sizes. Capacitance values of 3 pF and 12
pF available.
Bidirectional Transient Voltage Suppressors for
Low, Medium & High Speed CAN Networks
(CAN BUS Series)
Bidirectional transient voltage suppressor intended for high speed
and slow speed CAN circuitry. Available configurations: 0603
discrete, 0405 two element array, 0612 four element array.
Bidirectional Transient Voltage Suppressors
for USB Applications (USB Series)
Bidirectional transient voltage suppressor intended for Universal
Serial Bus applications. Available configurations: 0402 and 0603
discrete; 0405 two element array; 0508 three element array; 0612
four element array.
Bidirectional Transient Voltage Suppressors
for Low Leakage CMOS Applications (UltraGuard)
Low leakage, bidirectional transient voltage suppressor intended
for CMOS battery powered designs. Steady state operating
voltages of 3, 5, 7, 10 and 15 volts (DC). Available configurations:
0402, 0603 and 0805 discrete; 0405 two element array; 0508
and 0612 four element array.
Bidirectional Transient Voltage Suppressors
for High Energy Transients (Medium Power MLV)
Medium power, bidirectional transient voltage suppressor.
Available in operating voltages of: 18, 26, 30, 48, 60 volts (DC).
Case sizes: 1206, 1210, 1812, 2220. Energy ratings 0.9 to
1.5 joules.
Bidirectional Transient Voltage Suppressors
for Load Dump & Jump Start Auto Applications (Medium
Power Automotive Series)
Medium power, bidirectional transient voltage suppressor.
Available in operating voltages of: 16 and 34 volts (DC). Case
sizes: 1206, 1210, 1812, 2220. Energy ratings 0.6 to 12 joules.
Load dump and jump start rated.
Bidirectional Transient Voltage Suppressors
for Telecom Applications (Medium Power MLV for Telecom)
Medium power, bidirectional transient voltage suppressor.
Available in operating voltages of: 60 and 90 Vrms in 1812 case
size. Energy ratings of 5 and 6 joules. CCITT 10x700μs 2kV
capable.
Leaded Negative Temperature Coefficient Thermistors
Negative temperature coefficient thermistors high accuracy NTCs
from 2k ohm to 100k ohm, general purpose NTCs from 10 ohms
to 1 meg ohm. Stud mounted NTCs from 10 ohms to 330 k ohms.
SMT Negative Temperature Coefficient Thermistors
Surface mount negative temperature coefficient thermistor in
0402, 0603, 0805 and 1206 case sizes.
General Purpose Radial Leaded Power
MOV (Metal Oxide Varistors)
Radial Metal Oxide varistors 11 Vrms to 625 Vrms. Energy ratings
to >500 J. Peak current ratings to 10,000 A.
Circuit Protection Portfolio
Terminology Guide


Similar Part No. - N_06P00103

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
More results

Similar Description - N_06P00103

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com