Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJVMJB44H11T4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJVMJB44H11T4G
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJB44H11T4G Datasheet(HTML) 2 Page - ON Semiconductor

  NJVMJB44H11T4G Datasheet HTML 1Page - ON Semiconductor NJVMJB44H11T4G Datasheet HTML 2Page - ON Semiconductor NJVMJB44H11T4G Datasheet HTML 3Page - ON Semiconductor NJVMJB44H11T4G Datasheet HTML 4Page - ON Semiconductor NJVMJB44H11T4G Datasheet HTML 5Page - ON Semiconductor NJVMJB44H11T4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJB44H11 (NPN), NJVMJB44H11 (NPN), MJB45H11 (PNP), NJVMJB45H11 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (IC = 30 mA, IB = 0)
VCEO(sus)
80
Vdc
Collector Cutoff Current (VCE = Rated VCEO, VBE = 0)
ICES
10
mA
Emitter Cutoff Current (VEB = 5 Vdc)
IEBO
50
mA
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter Saturation Voltage (IC = 8 Adc, IB = 0.8 Adc)
VBE(sat)
1.5
Vdc
DC Current Gain (VCE = 1 Vdc, IC = 2 Adc)
hFE
60
DC Current Gain (VCE = 1 Vdc, IC = 4 Adc)
40
DYNAMIC CHARACTERISTICS
Collector Capacitance (VCB = 10 Vdc, ftest = 1 MHz)
MJB44H11, NJVMJB44H11
MJB45H11, NJVMJB45H11
Ccb
130
230
pF
Gain Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
MJB44H11, NJVMJB44H11
MJB45H11, NJVMJB45H11
fT
50
40
MHz
SWITCHING TIMES
Delay and Rise Times(IC = 5 Adc, IB1 = 0.5 Adc)
MJB44H11, NJVMJB44H11
MJB45H11, NJVMJB45H11
td + tr
300
135
ns
Storage Time(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJB44H11, NJVMJB44H11
MJB45H11, NJVMJB45H11
ts
500
500
ns
Fall Time(IC = 5 Adc, IB1 = IB2 = 0.5 Adc)
MJB44H11, NJVMJB44H11
MJB45H11, NJVMJB45H11
tf
140
100
ns
Figure 1. Thermal Response
t, TIME (ms)
0.01
0.01
0.05
1.0
2.0
5.0
10
20
50
500
1.0 k
0.1
0.5
0.2
1.0
0.2
0.1
0.05
ZqJC(t) = r(t) RqJC
RqJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.02
100
200
0.1
0.02
0.01


Similar Part No. - NJVMJB44H11T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVMJB44H11T4G ONSEMI-NJVMJB44H11T4G Datasheet
184Kb / 7P
   Complementary Power Transistors D2PAK for Surface Mount
May, 2013 - Rev. 5
More results

Similar Description - NJVMJB44H11T4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com