Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N_06P00682 Datasheet(PDF) 9 Page - AVX Corporation

Part No. N_06P00682
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

 9 page
background image
8
NTC Thermistors
Selection Guide
Types
Range of Values
Main Applications
Page
R at 25°C
SMD
- Hybrid circuit
NC 12/20
- Temperature
10
NB 12/20
Compensation
12
NB 21/23
14
Accuracy Series
19
Leaded Discs
21
Leadless Discs
27
- Temperature
measurement
- Temperature
measurement
and regulation
- Level detection
- Compensation
- Automotive
and industrial
thermal control
Custom designed products
generally defined at two temperatures
NJ 28
NI 24
NP 30
NK 20
N.03
N.06
N.09
NR
10 Ω
1 MΩ
2 kΩ
100 kΩ
2 kΩ
100 kΩ
330 Ω
1 MΩ
150 Ω
330 kΩ
68 Ω
150 kΩ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl