Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06N00332 Datasheet(PDF) 10 Page - AVX Corporation

Part # N_06N00332
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06N00332 Datasheet(HTML) 10 Page - AVX Corporation

Back Button N_06N00332 Datasheet HTML 6Page - AVX Corporation N_06N00332 Datasheet HTML 7Page - AVX Corporation N_06N00332 Datasheet HTML 8Page - AVX Corporation N_06N00332 Datasheet HTML 9Page - AVX Corporation N_06N00332 Datasheet HTML 10Page - AVX Corporation N_06N00332 Datasheet HTML 11Page - AVX Corporation N_06N00332 Datasheet HTML 12Page - AVX Corporation N_06N00332 Datasheet HTML 13Page - AVX Corporation N_06N00332 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
9
NC20
K
0
0103
M
– –
NTC Thermistors
Ordering Code
Type
NC 12
NC 20
NB 12
NB 20
NB 21
NB 23
NJ 28
NI 24
NK 20
ND 03
ND 06
ND 09
NR ..
Material
Code
I
J
K
L
M
N
P
Q
R
S
T
U
(See tables
pages 29 to 33)
Material Code
2nd Digit
NJ, NK Types: A
NB, NC Types:
C or O or 5 or 2
Other Types: 0
Resistance at 25ºC
(EIA Code)
Tolerance
on Resistance
at 25°C
F: ± 1%
G: ± 2%
H: ± 3%
J: ± 5%
K: ± 10%
L: ± 15%
M: ± 20%
X: ± 25%
Suffix
HOW TO ORDER
ROHS/ELV COMPLIANCE BY PRODUCT FAMILY
For leadless discs
(types NR) see
specification and
ordering code on
pages 28.
1. Resistance expressed by two
significant figures
1st digit: 0 (zero)
2nd and 3rd digits: the first two
significant figures of the resistance
value at 25°C.
4th digit:
– for values ≥ 10
Ω:
the number of ZEROS to be
added to the resistance value
– for values ≥ 1
Ω and ≤ 9.9 Ω:
the numerical 9 signifying that the
resistance value is to be multiplied
by 0.1
– for values < 1
Ω: the numerical 8
signifying that the resistance
value is to be multiplied by 0.01
Examples: 1000
Ω: 0102
8.2
Ω: 0829
0.47
Ω: 0478
2. Resistance expressed by three
significant figures
1st, 2nd and 3rd digits: the first three
significant figures of the resistance
value at 25°C.
4th digit:
– for values > 100
Ω:
the number of ZEROS to be
added to the resistance value
– for values > 10
Ω and < 100 Ω:
the numerical 9 signifying that the
resistance value is to be multiplied
by 0.01
– for values > 1
Ω and < 10 Ω:
the numerical 8 signifying that the
capacitance value is to be multiplied
by 0.01
Examples : 196
Ω: 1960
47.2
Ω: 4729
RoHS (Restriction of Hazardous Substances - European Union directive 2002/95/EC).
ELV (End of Life-Vehicle - European Union directive 2000/53/EC).
All Thermistor Products have been fully RoHS/ELV since before 2006.
Chip Thermistor NB RoHS/ELV Status: external Plating 100% smooth semi-bright Sn as standard SnPb Termination available
on request.
Products that are supplied AS STANDARD in RoHS/ELV compliant form for listed
Industrial Product Family
RoHS Compliant for Material Listed
Group
Series
Cadmium
Hexavalent
Lead
Mercury
PBBs
PBDEs
Chromium
Leaded NTC
Thermistors NF NI
44
4
4
44
Thermistors
Thermistors ND NJ NP
44
4
4
44
SMD
Thermistors NC
44
4
4
44
Thermistors
Thermistors NB
44
4
4
44
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - N_06N00332

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP02-IND TRIPPLITE-N206-FP02-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 2 Cutouts, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP04-IND TRIPPLITE-N206-FP04-IND Datasheet
163Kb / 2P
   Bulkhead Wall Plate, 4 Cutouts, Industrial, Metal - Stainless Steel, IP44, Double Gang, TAA
More results

Similar Description - N_06N00332

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com