Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06N00332 Datasheet(PDF) 7 Page - AVX Corporation

Part # N_06N00332
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06N00332 Datasheet(HTML) 7 Page - AVX Corporation

Back Button N_06N00332 Datasheet HTML 3Page - AVX Corporation N_06N00332 Datasheet HTML 4Page - AVX Corporation N_06N00332 Datasheet HTML 5Page - AVX Corporation N_06N00332 Datasheet HTML 6Page - AVX Corporation N_06N00332 Datasheet HTML 7Page - AVX Corporation N_06N00332 Datasheet HTML 8Page - AVX Corporation N_06N00332 Datasheet HTML 9Page - AVX Corporation N_06N00332 Datasheet HTML 10Page - AVX Corporation N_06N00332 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6
TEMPERATURE MEASUREMENT
High sensitivity and low cost make NTC thermistors the most
common device used for temperature measurement.
Non-linearity of the R -T curve generally leads to the use of
a resistor network to linearize the signal. An example is
given in Figure 6.
More precise measurements and temperature display can
also be achieved with simple electronic equipment as
shown in Figure 7.
The choice of the model will particularly take into account
the small size (better response time) and the resistance
tolerance. Mounting conditions (dissipation), and input volt-
age (self-heating) will also be carefully defined to avoid serious
errors in temperature measurement.
TEMPERATURE CONTROL
AND ALARM
NTC thermistors can be used as a simple on-off control tem-
perature system or temperature alarm system. Figure 8 gives
an example of such a circuit.
When the temperature increases to a defined value, the
resistance of the thermistor decreases and the current
becomes sufficiently high to energize the relay and provide
temperature alarm or heating system turn-off.
The high sensitivity of thermistors (about 4% resistance
change for 1°C) allows the temperature to be controlled very
precisely.
TEMPERATURE COMPENSATION
As many electronic components (integrated circuits, ampli-
fiers,...) have a positive temperature coefficient of resistance,
NTC thermistors represent a cheap and interesting solution
to compensate for this effect and provide an improved
temperature stability for electronic equipment.
It is necessary to include the thermistor in a resistor network
(Figure 10) calculated in such a manner that the network
coefficient compensates exactly for the positive temperature
coefficient of the other component (Figure 9).
Common leaded discs or chip thermistors are well suited for
this application.
Figure 6
Figure 7
NTC Thermistors
Application Notes
R2
R1
R3
R
NTC
Thermistor
circuit
A/D
converter
Display T
°C
μ processor
with R/T
algorithm
Resistance
Temperature
RTotal
RNTC
RC
R
R
RNTC
RC
R1
R2
R3
RNTC
Figure 8
Figure 9
Figure 10


Similar Part No. - N_06N00332

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06N00332

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com