Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N_06L00102 Datasheet(PDF) 10 Page - AVX Corporation

Part No. N_06L00102
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

 10 page
background image
9
NC20
K
0
0103
M
– –
NTC Thermistors
Ordering Code
Type
NC 12
NC 20
NB 12
NB 20
NB 21
NB 23
NJ 28
NI 24
NK 20
ND 03
ND 06
ND 09
NR ..
Material
Code
I
J
K
L
M
N
P
Q
R
S
T
U
(See tables
pages 29 to 33)
Material Code
2nd Digit
NJ, NK Types: A
NB, NC Types:
C or O or 5 or 2
Other Types: 0
Resistance at 25ºC
(EIA Code)
Tolerance
on Resistance
at 25°C
F: ± 1%
G: ± 2%
H: ± 3%
J: ± 5%
K: ± 10%
L: ± 15%
M: ± 20%
X: ± 25%
Suffix
HOW TO ORDER
ROHS/ELV COMPLIANCE BY PRODUCT FAMILY
For leadless discs
(types NR) see
specification and
ordering code on
pages 28.
1. Resistance expressed by two
significant figures
1st digit: 0 (zero)
2nd and 3rd digits: the first two
significant figures of the resistance
value at 25°C.
4th digit:
– for values ≥ 10
Ω:
the number of ZEROS to be
added to the resistance value
– for values ≥ 1
Ω and ≤ 9.9 Ω:
the numerical 9 signifying that the
resistance value is to be multiplied
by 0.1
– for values < 1
Ω: the numerical 8
signifying that the resistance
value is to be multiplied by 0.01
Examples: 1000
Ω: 0102
8.2
Ω: 0829
0.47
Ω: 0478
2. Resistance expressed by three
significant figures
1st, 2nd and 3rd digits: the first three
significant figures of the resistance
value at 25°C.
4th digit:
– for values > 100
Ω:
the number of ZEROS to be
added to the resistance value
– for values > 10
Ω and < 100 Ω:
the numerical 9 signifying that the
resistance value is to be multiplied
by 0.01
– for values > 1
Ω and < 10 Ω:
the numerical 8 signifying that the
capacitance value is to be multiplied
by 0.01
Examples : 196
Ω: 1960
47.2
Ω: 4729
RoHS (Restriction of Hazardous Substances - European Union directive 2002/95/EC).
ELV (End of Life-Vehicle - European Union directive 2000/53/EC).
All Thermistor Products have been fully RoHS/ELV since before 2006.
Chip Thermistor NB RoHS/ELV Status: external Plating 100% smooth semi-bright Sn as standard SnPb Termination available
on request.
Products that are supplied AS STANDARD in RoHS/ELV compliant form for listed
Industrial Product Family
RoHS Compliant for Material Listed
Group
Series
Cadmium
Hexavalent
Lead
Mercury
PBBs
PBDEs
Chromium
Leaded NTC
Thermistors NF NI
44
4
4
44
Thermistors
Thermistors ND NJ NP
44
4
4
44
SMD
Thermistors NC
44
4
4
44
Thermistors
Thermistors NB
44
4
4
44
LEAD-FREE COMPATIBLE
COMPONENT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl