Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N_06K00471 Datasheet(PDF) 34 Page - AVX Corporation

Part # N_06K00471
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_06K00471 Datasheet(HTML) 34 Page - AVX Corporation

Back Button N_06K00471 Datasheet HTML 30Page - AVX Corporation N_06K00471 Datasheet HTML 31Page - AVX Corporation N_06K00471 Datasheet HTML 32Page - AVX Corporation N_06K00471 Datasheet HTML 33Page - AVX Corporation N_06K00471 Datasheet HTML 34Page - AVX Corporation N_06K00471 Datasheet HTML 35Page - AVX Corporation N_06K00471 Datasheet HTML 36Page - AVX Corporation N_06K00471 Datasheet HTML 37Page - AVX Corporation N_06K00471 Datasheet HTML 38Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
33
Tables of Resistance vs Temperature
Material code B (K)
T
T 4630
U 4840
T
(°C)
R (T) / R25
TF (%)
α (%/°C)
R (T) / R25
TF (%)
α (%/°C)
(°C)
- 55
137.0
27.2
- 7.64
173.7
28.5
- 8.04
- 55
- 50
94.92
23.5
- 7.45
118.2
24.6
- 7.83
- 50
- 45
66.34
20.2
- 7.26
81.16
21.2
- 7.63
- 45
- 40
46.77
17.3
- 7.09
56.25
18.1
- 7.44
- 40
- 35
33.25
14.7
- 6.90
39.33
15.4
- 7.25
- 35
- 30
23.83
12.4
- 6.72
27.74
12.9
- 7.07
- 30
- 25
17.22
10.3
- 6.56
19.73
10.8
- 6.89
- 25
- 20
12.54
8.5
- 6.39
14.15
8.9
- 6.71
- 20
- 15
9.205
6.9
- 6.23
10.23
7.3
- 6.54
- 15
- 10
6.806
5.6
- 6.08
7.456
5.8
- 6.38
- 10
- 5
5.069
4.3
- 5.92
5.475
4.5
- 6.22
- 5
0
3.803
3.3
- 5.78
4.051
3.4
- 6.06
0
5
2.873
2.4
- 5.63
3.019
2.5
- 5.91
5
10
2.185
1.6
- 5.49
2.267
1.7
- 5.76
10
15
1.673
1.0
- 5.35
1.714
1.0
- 5.61
15
20
1.289
.4
- 5.22
1.305
.5
- 5.47
20
25
1.0000
0.0
- 5.09
1.0000
0.0
- 5.33
25
30
.7805
.4
- 4.96
.7715
.4
- 5.20
30
35
.6129
.9
- 4.83
.5991
.9
- 5.06
35
40
.4842
1.4
- 4.71
.4681
1.5
- 4.94
40
45
.3847
2.0
- 4.59
.3681
2.1
- 4.81
45
50
.3074
2.6
- 4.48
.2911
2.8
- 4.69
50
55
.2470
3.3
- 4.37
.2316
3.4
- 4.57
55
60
.1996
4.0
- 4.26
.1853
4.2
- 4.45
60
65
.1621
4.7
- 4.15
.1491
4.9
- 4.34
65
70
.1323
5.4
- 4.04
.1207
5.7
- 4.23
70
75
.1086
6.2
- 3.94
.09813
6.5
- 4.12
75
80
.08953
7.0
- 3.84
.08023
7.3
- 4.02
80
85
.07417
7.8
- 3.75
.06592
8.2
- 3.91
85
90
.06173
8.6
- 3.65
.05443
9.0
- 3.82
90
95
.05161
9.5
- 3.56
.04515
9.9
- 3.72
95
100
.04334
10.3
- 3.47
.03763
10.8
- 3.63
100
105
.03655
11.2
- 3.39
.03151
11.7
- 3.54
105
110
.03095
12.0
- 3.31
.02650
12.6
- 3.45
110
115
.02632
12.9
- 3.22
.02237
13.5
- 3.38
115
120
.02247
13.7
- 3.15
.01897
14.4
- 3.28
120
125
.01925
14.6
- 3.07
.01615
15.3
- 3.20
125
130
.01656
15.5
- 2.99
.01381
16.2
- 3.12
130
135
.01429
16.4
- 2.92
.01185
17.1
- 3.04
135
140
.01238
17.3
- 2.85
.01020
18.0
- 2.97
140
145
.01076
18.1
- 2.78
.00882
19.0
- 2.90
145
150
.00938
19.0
- 2.72
.00765
19.9
- 2.83
150


Similar Part No. - N_06K00471

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-06-18-0-M-LC MOLEX4-N-06-18-0-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
N-06-18-9-M-LC MOLEX4-N-06-18-9-M-LC Datasheet
76Kb / 2P
   154.94mm (6.100") Natural Cable Tie, 18 Pound Tensile Strength
logo
Heyco.
N006 HEYCO-N006 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
N106 HEYCO-N106 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
   Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
More results

Similar Description - N_06K00471

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com