Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD9832SDZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD9832SDZ
Description  25 MHz Direct Digital Synthesizer, Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD9832SDZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD9832SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 9Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 10Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 11Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 12Page - Analog Devices EVAL-AD9832SDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD9832
Rev. E | Page 9 of 28
TEMPERATURE (°C)
10.0
7.5
0
0
–30
–40
–20
–10
5.0
2.5
AVDD = DVDD = 2.97V
Figure 13. Wake-Up Time vs. Temperature
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 14. fMCLK = 25 MHz, fOUT = 1.1 MHz, Frequency Word = 0xB439581
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 15. fMCLK = 25 MHz, fOUT = 2.1 MHz, Frequency Word = 0x15810625
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 16. fMCLK = 25 MHz, fOUT = 3.1 MHz, Frequency Word = 0x1FBE76C9
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 17. fMCLK = 25 MHz, fOUT = 4.1 MHz, Frequency Word = 0x29FBE76D
VBW 1kHz
0
–70
–100
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
–10
–60
–80
–90
–40
–50
–20
–30
Figure 18. fMCLK = 25 MHz, fOUT = 5.1 MHz, Frequency Word = 0x34395810


Similar Part No. - EVAL-AD9832SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD9831EB AD-EVAL-AD9831EB Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
EVAL-AD9833EB AD-EVAL-AD9833EB Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
EVAL-AD9833SDZ AD-EVAL-AD9833SDZ Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
EVAL-AD9834EB AD-EVAL-AD9834EB Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
EVAL-AD9834SDZ AD-EVAL-AD9834SDZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
More results

Similar Description - EVAL-AD9832SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835BRUZ AD-AD9835BRUZ Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer
Rev. E
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9835 AD-AD9835_15 Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer
REV. A
logo
National Instruments Co...
NI654X NI-NI654X Datasheet
313Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
PXI-6541 NI-PXI-6541 Datasheet
222Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com