Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9765ASTZRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9765ASTZRL
Description  10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765ASTZRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9765ASTZRL Datasheet HTML 4Page - Analog Devices AD9765ASTZRL Datasheet HTML 5Page - Analog Devices AD9765ASTZRL Datasheet HTML 6Page - Analog Devices AD9765ASTZRL Datasheet HTML 7Page - Analog Devices AD9765ASTZRL Datasheet HTML 8Page - Analog Devices AD9765ASTZRL Datasheet HTML 9Page - Analog Devices AD9765ASTZRL Datasheet HTML 10Page - Analog Devices AD9765ASTZRL Datasheet HTML 11Page - Analog Devices AD9765ASTZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9763/AD9765/AD9767
Data Sheet
Rev. G | Page 8 of 44
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Parameter
With
Respect To
Rating
AVDD
ACOM
−0.3 V to +6.5 V
DVDD1, DVDD2
DCOM1/DCOM2
−0.3 V to +6.5 V
ACOM
DCOM1/DCOM2
−0.3 V to +0.3 V
AVDD
DVDD1/DVDD2
−6.5 V to +6.5 V
MODE,
CLK1/IQCLK,
CLK2/IQRESET,
WRT1/IQWRT,
WRT2/IQSEL
DCOM1/DCOM2
−0.3 V to DVDD1/
DVDD2 + 0.3 V
Digital Inputs
DCOM1/DCOM2
−0.3 V to DVDD1/
DVDD2 + 0.3 V
IOUTA1/IOUTA2,
IOUTB1/IOUTB2
ACOM
−1.0 V to AVDD + 0.3 V
REFIO, FSADJ1,
FSADJ2
ACOM
−0.3 V to AVDD + 0.3 V
GAINCTRL, SLEEP
ACOM
−0.3 V to AVDD + 0.3 V
Junction
Temperature
150°C
Storage
Temperature
Range
−65°C to +150°C
Lead Temperature
(10 sec)
300°C
Table 5. Thermal Resistance
Package Type
θJA
Unit
48-Lead LQFP
91
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - AD9765ASTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9765AST AD-AD9765AST Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
More results

Similar Description - AD9765ASTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com