Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9218BST-65 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9218BST-65
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218BST-65 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9218BST-65 Datasheet HTML 6Page - Analog Devices AD9218BST-65 Datasheet HTML 7Page - Analog Devices AD9218BST-65 Datasheet HTML 8Page - Analog Devices AD9218BST-65 Datasheet HTML 9Page - Analog Devices AD9218BST-65 Datasheet HTML 10Page - Analog Devices AD9218BST-65 Datasheet HTML 11Page - Analog Devices AD9218BST-65 Datasheet HTML 12Page - Analog Devices AD9218BST-65 Datasheet HTML 13Page - Analog Devices AD9218BST-65 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9218
Rev. C | Page 10 of 28
TERMINOLOGY
Full-Scale Input Power
Analog Bandwidth
Expressed in dbm. Computed using the following equation:
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
=
001
.
0
log
10
2
INPUT
Scale
Full
Scale
Full
Z
rms
V
Power
Aperture Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the instant at which the analog input
is sampled.
Gain Error
Gain error is the difference between the measured and the ideal
full-scale input voltage range of the ADC.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Harmonic Distortion, Second
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
Crosstalk
Coupling onto one channel being driven by a low level signal
(–40 dBFS) when the adjacent interfering channel is driven by a
full-scale signal.
Harmonic Distortion, Third
The ratio of the rms signal amplitude to the rms value of the
third harmonic component, reported in dBc.
Differential Analog Input Resistance,
Differential Analog Input Capacitance,
Differential Analog Input Impedance
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line”
determined by a least-square curve fit.
The real and complex impedances measured at each analog
input port. The resistance is measured statically and the
capacitance and differential input impedances are measured
with a network analyzer.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin
and subtracting the voltage from the other pin, which is 180
degrees out of phase. Peak-to-peak differential is computed by
rotating the input phase 180 degrees and again taking the peak
measurement. The difference is then computed between both
peak measurements.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Output Propagation Delay
The delay between the 50% level crossing of ENCODE A or
ENCODE B and the 50% level crossing of the respective
channel’s output data bit.
Noise (for Any Range Within the ADC)
Differential Nonlinearity
×
×
=
10
10
001
.
0
dBFS
dBc
dBm
NOISE
Signal
SNR
FS
Z
V
The deviation of any code width from an ideal 1 LSB step.
Effective Number of Bits (ENOB)
where Z is the input impedance, FS is the full scale of the device
for the frequency in question, SNR is the value for the particular
input level, and Signal is the signal level within the ADC
reported in dB below full scale. This value includes both
thermal and quantization noise.
The effective number of bits is calculated from the measured
SNR based on the equation
02
.
6
76
.
1
dB
=
MEASURED
SNR
ENOB
Power Supply Rejection Ratio
ENCODE Pulse Width/Duty Cycle
The ratio of a change in input offset voltage to a change in
power supply voltage.
Pulse width high is the minimum amount of time that the
ENCODE pulse should be left in Logic 1 state to achieve rated
performance; pulse width low is the minimum time ENCODE
pulse should be left in low state. See timing implications of
changing tENCH in text. At a given clock rate, these specifications
define an acceptable ENCODE duty cycle.


Similar Part No. - AD9218BST-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218BST-65 AD-AD9218BST-65 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218BST-65 AD-AD9218BST-65 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results

Similar Description - AD9218BST-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com