Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE17M02750K Datasheet(PDF) 5 Page - AVX Corporation

Part # VE17M02750K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17M02750K Datasheet(HTML) 5 Page - AVX Corporation

  VE17M02750K Datasheet HTML 1Page - AVX Corporation VE17M02750K Datasheet HTML 2Page - AVX Corporation VE17M02750K Datasheet HTML 3Page - AVX Corporation VE17M02750K Datasheet HTML 4Page - AVX Corporation VE17M02750K Datasheet HTML 5Page - AVX Corporation VE17M02750K Datasheet HTML 6Page - AVX Corporation VE17M02750K Datasheet HTML 7Page - AVX Corporation VE17M02750K Datasheet HTML 8Page - AVX Corporation VE17M02750K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
16
Zinc Oxide Varistors
VE 07/09/13/17/24
VF 05/07/10/14/20
UL
VE Series
VF Series
Maximum
Nominal voltage
(USA and
P/N codification using
P/N codification using
operating voltage
at 1 mA dc
Canadian
Standards)
(D
max , Vrms)(dceramic, V1mA)Vrms
V
DC
V
1mA mini
V
1mA nominal
V
1mA maxi
VE07M00251K _ _
VF05M10391K _ _
250
320
351
390
429
VE09M00251K _ _
VF07M10391K _ _
VE13M00251K _ _
VF10M10391K _ _
VE17M00251K _ _
VF14M10391K _ _
VE24M00251K _ _
VF20M10391K _ _
VE07M02750K _ _
VF05M10431K _ _
275
350
387
430
473
VE09M02750K _ _
VF07M10431K _ _
VE13M02750K _ _
VF10M10431K _ _
VE17M02750K _ _
VF14M10431K _ _
VE24M02750K _ _
VF20M10431K _ _
VE07M00301K _ _
VF05M10471K _ _
300
385
423
470
517
VE09M00301K _ _
VF07M10471K _ _
VE13M00301K _ _
VF10M10471K _ _
VE17M00301K _ _
VF14M10471K _ _
VE24M00301K _ _
VF20M10471K _ _
VE09M00321K _ _
VF07M10511K _ _
320
420
459
510
561
VE13M00321K _ _
VF10M10511K _ _
VE17M00321K _ _
VF14M10511K _ _
VE24M00321K _ _
VF20M10511K _ _
VE09M00351K _ _
VF07M10561K _ _
350
460
504
560
616
VE13M00351K _ _
VF10M10561K _ _
VE17M00351K _ _
VF14M10561K _ _
VE24M00351K _ _
VF20M10561K _ _
VE09M03850K _ _
VF07M10621K _ _
385
505
558
620
682
VE13M03850K _ _
VF10M10621K _ _
VE17M03850K _ _
VF14M10621K _ _
VE24M03850K _ _
VF20M10621K _ _
VE09M00421K _ _
VF07M10681K _ _
420
560
612
680
748
VE13M00421K _ _
VF10M10681K _ _
VE17M00421K _ _
VF14M10681K _ _
VE24M00421K _ _
VF20M10681K _ _
VE13M00441K _ _
VF10M17150K _ _
440
585
643
715
787
VE17M00441K _ _
VF14M17150K _ _
VE24M00441K _ _
VF20M17150K _ _
VE13M00461K _ _
VF10M10751K _ _
460
615
675
750
825
VE17M00461K _ _
VF14M10751K _ _
VE24M00461K _ _
VF20M10751K _ _
VE13M00511K _ _
VF10M10821K _ _
510
670
738
820
902
VE17M00511K _ _
VF14M10821K _ _
VE24M00511K _ _
VF20M10821K _ _
VE13M00551K _ _
VF10M10861K _ _
550
715
774
860
946
VE17M00551K _ _
VF14M10861K _ _
VE24M00551K _ _
VF20M10861K _ _
VE13M05750K _ _
VF10M10911K _ _
575
730
819
910
1001
VE17M05750K _ _
VF14M10911K _ _
VE24M05750K _ _
VF20M10911K _ _
VE13M06250K _ _
VF10M10102K _ _
625
825
900
1000
1100
VE17M06250K _ _
VF14M10102K _ _
VE24M06250K _ _
VF20M10102K _ _


Similar Part No. - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00131K AVX-VE17P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00141K AVX-VE17P00141K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00151K AVX-VE17P00151K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00211K AVX-VE17P00211K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00231K AVX-VE17P00231K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com