Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8613AUJZ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8613AUJZ-REEL
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AUJZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8613AUJZ-REEL Datasheet HTML 5Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 6Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 7Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 8Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 9Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 10Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 11Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 12Page - Analog Devices AD8613AUJZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8613/AD8617/AD8619
Rev. E | Page 9 of 16
TIME (20ms/DIV)
VSY = ±2.5V
AV = 1
RL = 10kΩ
VIN = 6V p-p
VIN
VOUT
Figure 24. No Phase Reversal
TIME (1s/DIV)
VSY = 5V AND 2.7V
Figure 25. 0.1 Hz to 10 Hz Input Voltage Noise
1000
1
1
10000
FREQUENCY (Hz)
10
100
1000
10
100
VSY = 5V
TA = 25ºC
1/F CORNER @ 100Hz
Figure 26. Voltage Noise Density
140
0
100
1M
FREQUENCY (Hz)
20
40
60
80
100
120
1k
10k
100k
VSY = 5V
Figure 27. Channel Separation


Similar Part No. - AD8613AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8613AUJZ-REEL AD-AD8613AUJZ-REEL Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613AUJZ-REEL AD-AD8613AUJZ-REEL Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8613AUJZ-REEL7 AD-AD8613AUJZ-REEL7 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613AUJZ-REEL7 AD-AD8613AUJZ-REEL7 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results

Similar Description - AD8613AUJZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com