Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8115-EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8115-EVAL
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115-EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8115-EVAL Datasheet HTML 5Page - Analog Devices AD8115-EVAL Datasheet HTML 6Page - Analog Devices AD8115-EVAL Datasheet HTML 7Page - Analog Devices AD8115-EVAL Datasheet HTML 8Page - Analog Devices AD8115-EVAL Datasheet HTML 9Page - Analog Devices AD8115-EVAL Datasheet HTML 10Page - Analog Devices AD8115-EVAL Datasheet HTML 11Page - Analog Devices AD8115-EVAL Datasheet HTML 12Page - Analog Devices AD8115-EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8114/AD8115
Rev. B | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
2
DGND
3
AGND
4
IN08
7
AGND
6
IN09
5
AGND
1
DVCC
8
IN10
9
AGND
10
IN11
12
IN12
13
AGND
14
IN13
15
AGND
16
IN14
17
AGND
18
IN15
19
AGND
20
AVEE
21
AVCC
22
AVCC15
23
OUT15
24
AVEE14/15
25
OUT14
11
AGND
74
DGND
DVCC
73
AGND
72
IN07
69
AGND
70
IN06
71
AGND
75
68
IN05
67
AGND
66
IN04
64
IN03
63
AGND
62
IN02
61
AGND
60
IN01
59
AGND
58
IN00
57
AGND
56
AVEE
55
AVCC
54
AVCC00
53
OUT00
52
AVEE00/01
51
OUT01
65
AGND
PIN 1
AD8114/AD8115
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration


Similar Part No. - AD8115-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8115-EB AD-AD8115-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results

Similar Description - AD8115-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com