Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7825BRU Datasheet(PDF) 3 Page - Analog Devices

Part # AD7825BRU
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7825BRU Datasheet(HTML) 3 Page - Analog Devices

  AD7825BRU Datasheet HTML 1Page - Analog Devices AD7825BRU Datasheet HTML 2Page - Analog Devices AD7825BRU Datasheet HTML 3Page - Analog Devices AD7825BRU Datasheet HTML 4Page - Analog Devices AD7825BRU Datasheet HTML 5Page - Analog Devices AD7825BRU Datasheet HTML 6Page - Analog Devices AD7825BRU Datasheet HTML 7Page - Analog Devices AD7825BRU Datasheet HTML 8Page - Analog Devices AD7825BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 3 of 28
SPECIFICATIONS
VDD = 3 V ± 10%, VDD = 5 V ± 10%, GND = 0 V, VREF IN/OUT = 2.5 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Version B
Unit
Test Condition/Comment
DYNAMIC PERFORMANCE
fIN = 30 kHz, fSAMPLE = 2 MHz
Signal to (Noise + Distortion) Ratio1
48
dB min
Total Harmonic Distortion1
−55
dB max
Peak Harmonic or Spurious Noise1
−55
dB max
Intermodulation Distortion1
fa = 27.3 kHz, fb = 28.3 kHz
Second-Order Terms
−65
dB typ
Third-Order Terms
−65
dB typ
Channel-to-Channel Isolation1
−70
dB typ
fIN = 20 kHz
DC ACCURACY
Resolution
8
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
8
Bits
Integral Nonlinearity (INL)1
±0.75
LSB max
Differential Nonlinearity (DNL)1
±0.75
LSB max
Gain Error1
±2
LSB max
Gain Error Match1
±0.1
LSB typ
Offset Error1
±1
LSB max
Offset Error Match1
±0.1
LSB typ
ANALOG INPUTS2
See Analog Input section
VDD = 5 V ± 10%
Input voltage span = 2.5 V
VIN1 to VIN8 Input Voltage
VDD
V max
0
V min
VMID Input Voltage
VDD − 1.25
V max
Default VMID = 1.25 V
1.25
V min
VDD = 3 V ± 10%
Input voltage span = 2 V
VIN1 to VIN8 Input Voltage
VDD
V max
0
V min
VMID Input Voltage
VDD − 1
V max
Default VMID = 1 V
1
V min
VIN Input Leakage Current
±1
μA max
VIN Input Capacitance
15
pF max
VMID Input Impedance
6
kΩ typ
REFERENCE INPUT
VREF IN/OUT Input Voltage Range
2.55
V max
2.5 V + 2%
2.45
V min
2.5 V − 2%
Input Current
1
μA typ
100
μA max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±50
mV max
Temperature Coefficient
50
ppm/°C typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
VDD = 5 V ± 10%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V ± 10%
Input High Voltage, VINH
2
V min
VDD = 3 V ± 10%
Input Low Voltage, VINL
0.4
V max
VDD = 3 V ± 10%
Input Current, IIN
±1
μA max
10 nA typical, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max


Similar Part No. - AD7825BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825BRU AD-AD7825BRU Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7825BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com