Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8218 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8218
Description  Zero Drift, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8218 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8218_13 Datasheet HTML 4Page - Analog Devices AD8218_13 Datasheet HTML 5Page - Analog Devices AD8218_13 Datasheet HTML 6Page - Analog Devices AD8218_13 Datasheet HTML 7Page - Analog Devices AD8218_13 Datasheet HTML 8Page - Analog Devices AD8218_13 Datasheet HTML 9Page - Analog Devices AD8218_13 Datasheet HTML 10Page - Analog Devices AD8218_13 Datasheet HTML 11Page - Analog Devices AD8218_13 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8218
Data Sheet
Rev. B | Page 8 of 16
INPUT
OUTPUT
200mV/DIV
2V/DIV
5µs/DIV
Figure 16. Differential Overload Recovery, Falling
79.0
79.5
80.0
80.5
81.0
81.5
82.0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 17. Internal Reference Voltage vs. Temperature
(VS = 5 V, VS = NC, VCM = 12 V, Pin 1 (+IN) and Pin 8 (−IN) Shorted, Pin 3 (ENB)
Shorted to Pin 4 (GND))
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
–40 –30 –20 –10
0
10 20 30 40 50 60 70 80 90 100 110 120
TEMPERATURE (°C)
Figure 18. Maximum Output Sink Current vs. Temperature
5.0
5.5
4.0
4.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
TEMPERATURE (°C)
Figure 19. Maximum Output Source Current vs. Temperature
4.900
4.910
4.920
4.930
4.940
4.950
4.960
4.970
4.980
4.990
5.000
5.010
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT SOURCE CURRENT (mA)
Figure 20. Output Voltage Swing from Rail vs. Output Source Current
0
50
100
150
200
250
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT SINK CURRENT (mA)
Figure 21. Output Voltage Range from GND vs. Output Sink Current


Similar Part No. - AD8218_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
More results

Similar Description - AD8218_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
[Old version datasheet]   36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com