Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

082-6093-RFX Datasheet(PDF) 3 Page - Amphenol Corporation

Part # 082-6093-RFX
Description  Type N Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

082-6093-RFX Datasheet(HTML) 3 Page - Amphenol Corporation

  082-6093-RFX Datasheet HTML 1Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 2Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 3Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 4Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 5Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 6Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 7Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 8Page - Amphenol Corporation 082-6093-RFX Datasheet HTML 9Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
145
Amphenol® RF:
800-627-7100
Type N
Type N Specifications
Electrical
Impedance
50 Ω
Frequency range
DC - 11 GHz (flexible cable)
DC - 18 GHz (semi-rigid)
VSWR
1.3 max. @ DC - 11 GHz (straight)
1.35 max. @ DC - 11 GHz (right-angle)
RF-leakage
90 dB minimum @ 3 GHz
Voltage rating (at sea level)
≤ 1,500 V peak (depending on cable)
Contact resistance
center contact: ≤ 1 mΩ
outer contact: ≤ 0.2 mΩ
Insulation resistance
5,000 MΩ minimum
Insertion loss maximum
≤ 0.15 dB @ 10 GHz
Dielectric withstanding voltage
2,500 Vrms (at sea level)
Mechanical
Mating
5/8-24 Threaded coupling (MIL-STD-348)
Coupling torque, min./max.
15 inch lbs to max recommended
Coupling nut retention force
101.2 lbs (450N) min.
Assembly torque (body/clamp nut)
positive stop, 18/20 lb-ft (25/30 N-m)
Braid/Jacket cable affixment
All braid hex crimps, clamps: screw-thread and braid clamp
Center conductor cable affixment
Solder
Captivated contacts
All crimp, unless noted otherwise
Contact Captivation
6.3 lbs (28N) min.
Durability (matings)
500 cycles minimum
Environmental
Temperature range
-65°C to +165°C
- copolymer of styrene:
-55°C to +85°C
Weatherproof
All series N with gaskets
Hermetic seals
Helium leak test, 2 x 10^8 cc/sec.
Thermal shock
MIL-STD-202, method 107, cond. B
Moisture resistance
MIL-STD-202, method 106
Corrosion
MIL-STD-202, method 101, cond. B
Vibration
MIL-STD-202, method 204, cond. B
Mechanical shock
MIL-STD-202, method 213, cond. 1
Type N
Note: These characteristics are typical but may not apply to all connectors.


Similar Part No. - 082-6093-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
082-209-1006-BC RF-082-209-1006-BC Datasheet
246Kb / 1P
   N STR JACK FOR BELDEN BLACK PLATED 9913 CABLE
Rev. A
logo
Magnetrol International...
082-8003-400 MAGNETROL-082-8003-400 Datasheet
781Kb / 24P
   RF Level Transmitter
082-8003-404 MAGNETROL-082-8003-404 Datasheet
781Kb / 24P
   RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
082-8113-404 MAGNETROL-082-8113-404 Datasheet
781Kb / 24P
   RF Level Transmitter
More results

Similar Description - 082-6093-RFX

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
27DP DDK-27DP Datasheet
256Kb / 9P
   SMB Type Connectors
27DS DDK-27DS Datasheet
153Kb / 3P
   SMC Type Connectors
SSMB-SP-0.8DV-CR DDK-SSMB-SP-0.8DV-CR Datasheet
222Kb / 2P
   SSMB Type Connectors
logo
Dubilier
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
logo
DDK Ltd.
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
   75 SSMB Type Connectors
logo
Hirose Electric
RDBD-25S HIROSE-RDBD-25S Datasheet
722Kb / 12P
   RIGHT-ANGLE TYPE CONNECTORS
RDBB-25P-LN HIROSE-RDBB-25P-LN Datasheet
197Kb / 4P
   RIGHT ANGLE TYPE CONNECTORS
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001 Datasheet
616Kb / 1P
   USB Type-A Connectors
logo
Amphenol Corporation
MS3102A22-2S AMPHENOL-MS3102A22-2S Datasheet
2Mb / 73P
   Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com