Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7705BRU Datasheet(PDF) 4 Page - Analog Devices

Part # AD7705BRU
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705BRU Datasheet(HTML) 4 Page - Analog Devices

  AD7705BRU Datasheet HTML 1Page - Analog Devices AD7705BRU Datasheet HTML 2Page - Analog Devices AD7705BRU Datasheet HTML 3Page - Analog Devices AD7705BRU Datasheet HTML 4Page - Analog Devices AD7705BRU Datasheet HTML 5Page - Analog Devices AD7705BRU Datasheet HTML 6Page - Analog Devices AD7705BRU Datasheet HTML 7Page - Analog Devices AD7705BRU Datasheet HTML 8Page - Analog Devices AD7705BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD7705/AD7706
Rev. C | Page 4 of 44
PRODUCT HIGHLIGHTS
1.
The AD7705/AD7706 devices consume less than 1 mW at
3 V supplies and 1 MHz master clock, making them ideal
for use in low power systems. Standby current is less than 8
μA.
2.
The programmable gain input allows the AD7705/AD7706
to accept input signals directly from a strain gage or
transducer, removing a considerable amount of signal
conditioning.
3.
The AD7705/AD7706 are ideal for microcontroller or DSP
processor applications with a 3-wire serial interface,
reducing the number of interconnect lines and reducing
the number of opto-couplers required in isolated systems.
4.
The parts feature excellent static performance
specifications with 16 bits, no missing codes, ±0.003%
accuracy, and low rms noise (<600 nV). Endpoint errors
and the effects of temperature drift are eliminated by on-
chip calibration options, which remove zero-scale and full-
scale errors.


Similar Part No. - AD7705BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705BRU AD-AD7705BRU Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705BRU AD-AD7705BRU Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705BRU-REEL AD-AD7705BRU-REEL Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705BRU-REEL7 AD-AD7705BRU-REEL7 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7705BRUZ-REEL1 AD-AD7705BRUZ-REEL1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

Similar Description - AD7705BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com