Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTEMPCLW Datasheet(PDF) 9 Page - Microchip Technology

Part # DSTEMPCLW
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSTEMPCLW Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSTEMPCLW Datasheet HTML 5Page - Microchip Technology DSTEMPCLW Datasheet HTML 6Page - Microchip Technology DSTEMPCLW Datasheet HTML 7Page - Microchip Technology DSTEMPCLW Datasheet HTML 8Page - Microchip Technology DSTEMPCLW Datasheet HTML 9Page - Microchip Technology DSTEMPCLW Datasheet HTML 10Page - Microchip Technology DSTEMPCLW Datasheet HTML 11Page - Microchip Technology DSTEMPCLW Datasheet HTML 12Page - Microchip Technology DSTEMPCLW Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21459E-page 9
TC7129
3.5
Voltage Reference
(DREF, RREF, RBIAS, CRF)
The reference potentiometer (RREF) provides an
adjustment for adjusting the reference voltage; any
value above 20 k
 is adequate. The bias resistor
(RBIAS) limits the current through DREF to less than
150
A. The reference filter capacitor (C
RF) forms an
RC filter with RBIAS to help eliminate noise.
3.6
Input Filter (RIF, CIF)
For added stability, an RC input noise filter is usually
included in the circuit. The input filter resistor value
should not exceed 100 k
. A typical RC time constant
value is 16.7 msec to help reject line frequency noise.
The input filter capacitor should have low leakage for a
high-impedance input.
3.7
Battery
The typical circuit uses a 9V battery as a power source.
However, any value between 6V and 12V can be used.
For operation from batteries with voltages lower than
6V and for operation from power supplies, see
Section 4.2 “Powering the TC7129”.
4.0
TYPICAL APPLICATIONS
4.1
TC7129 as a Replacement Part
The TC7129 is a direct pin-for-pin replacement part for
the ICL7129. Note, however, that the ICL7129 requires
a capacitor and resistor between pins 26 and 28 for
phase compensation. Since the TC7129 uses internal
phase compensation, these parts are not required and,
in fact, must be removed from the circuit for stable
operation.
4.2
Powering the TC7129
While the most common power source for the TC7129
is a 9V battery, there are other possibilities. Some of
the more common ones are explained below.
4.2.1
±5V Power Supply
Measurements are made with respect to power supply
ground. DGND (pin 36) is set internally to about 5V less
than V+ (pin 24); it is not intended to be a power supply
input and must not be tied directly to power supply
ground. It can be used as a reference for external logic,
as explained in Section 4.3 “Connecting to External
Logic”, (see Figure 4-1).
Figure 4-1:
Powering the TC7129 From
a ±5V Power Supply.
4.2.2
Low Voltage Battery Source
A battery with voltage between 3.8V and 6V can be
used to power the TC7129 when used with a voltage
doubler circuit, as shown in Figure 4-2. The voltage
doubler uses the TC7660 DC-to-DC voltage converter
and two external capacitors.
Figure 4-2:
Powering the TC7129 From
a Low-Voltage Battery.
V–
V+
REF HI
REF LO
IN HI
COMMON
IN LO
DGND
VIN
+
-5V
0.1 µF
+5V
0.1 µF
24
34
35
28
33
32
23
36
TC7129
0.1 µF
V–
TC7129
V+
REF HI
REF LO
IN HI
COMMON
IN LO
DGND
3.8V
to
6V
+
+
10 µF
+
8
2
4
10 µF
+
3
TC7660
VIN
5
24
34
35
28
33
32
23
36


Similar Part No. - DSTEMPCLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSTEMP-E/SN MICROCHIP-DSTEMP-E/SN Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
DSTEMP-I/MNY MICROCHIP-DSTEMP-I/MNY Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
DSTEMP-I/P MICROCHIP-DSTEMP-I/P Datasheet
624Kb / 28P
   2K 5.0V I2C Serial EEPROM
01/02/08
DSTEMP-IML MICROCHIP-DSTEMP-IML Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
DSTEMP-IP MICROCHIP-DSTEMP-IP Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
More results

Similar Description - DSTEMPCLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com